Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F033C-12PTN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29F033C-12PTN
Description  32M (4M X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F033C-12PTN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29F033C-12PTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F033C-12PTN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
MBM29F033C-70/-90/-12
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29F033C has two control functions which must be satisfied in order to obtain data at the outputs. CE
is the power control and should be used for a device selection. OE is the output control and should be used to
gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC-tOE time.)
Standby Mode
There are two ways to implement the standby mode on the MBM29F033C device, one using both the CE and
RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ±0.3 V.
Under this condition the current consumed is less than 5 µA. A TTL standby mode is achieved with CE and
RESET pins held at VIH. Under this condition the current is reduced to approximately 1 mA. During Embedded
Algorithm operation, VCC Active current (ICC2) is required even CE = VIH. The device can be read with standard
access time (tCE) from either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ±0.3 V (CE
= “H” or “L”). Under this condition the current consumed is less than 5 µA. A TTL standby mode is achieved with
RESET pin held at VIL (CE = “H” or “L”). Under this condition the current required is reduced to approximately
1 mA. Once the RESET pin is taken high, the device requires tRH ns of wake up time before outputs are valid for
read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the device to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All
addresses are DON'T CARES except A0, A1, and A6. (See Table 3.)
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29F033C is erased or programmed in a system without access to high voltage on the A9 pin. The command
sequence is illustrated in Table 6. (Refer to Autoselect Command section.)
Byte 0 (A0 = VIL) represents the manufacturer's code (Fujitsu = 04H) and byte 1 (A0 = VIH) the device identifier
code for MBM29F033C = D4H. These two bytes are given in the table 3. All identifiers for manufacturer and
device will exhibit odd parity with DQ7 defined as the parity bit. In order to read the proper device codes when
executing the Autoselect, A1 must be VIL. (See Table 3.)


Similar Part No. - MBM29F033C-12PTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F033C-12PTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM30LV0032 FUJITSU-MBM30LV0032 Datasheet
403Kb / 42P
   32M (4M X 8) BIT NAND-type
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com