Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF05P10241K Datasheet(PDF) 5 Page - AVX Corporation

Part # VF05P10241K
Description  VE/VF Types for Heavy Duty Applications (P Series)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF05P10241K Datasheet(HTML) 5 Page - AVX Corporation

  VF05P10241K Datasheet HTML 1Page - AVX Corporation VF05P10241K Datasheet HTML 2Page - AVX Corporation VF05P10241K Datasheet HTML 3Page - AVX Corporation VF05P10241K Datasheet HTML 4Page - AVX Corporation VF05P10241K Datasheet HTML 5Page - AVX Corporation VF05P10241K Datasheet HTML 6Page - AVX Corporation VF05P10241K Datasheet HTML 7Page - AVX Corporation VF05P10241K Datasheet HTML 8Page - AVX Corporation VF05P10241K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
22
TPC
Zinc Oxide Varistors
Electrical Characteristics VE / VF Types
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 09/VF 07
385
275
230
150
130
60
40
30
20
17
25
35
50
75
115
160
175
210
250
300
420
385
275
230
150
130
95
60
50
40
30
20
17
25
35
75
115
130
175
210
250
300
420
95
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
10
VE 07/VF 05
275
300
275
300
250
210
250
175
240
115
75
50
35
15
17
14
14
230
150
210
230
160
130
95
20
30
60
175
140
115
75
50
40
35
25
17
130
95
95
60
40
30
20
10
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 13/VF 10
510
420
300
250
210
175
140
115
175
50
35
25
17
20
30
40
60
95
130
150
230
275
385
550
510
420
300
250
210
175
140
115
130
150
230
275
385
460
550
625
575
75
50
35
25
17
20
30
60
95
14
14
575
625
VOLTAGE-CURRENT CHARACTERISTICS
V/I characteristics give:
- for I below 1 mA the maximum leakage current under V
dc
- for I above 1 mA the maximum clamping voltage


Similar Part No. - VF05P10241K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF05P10391K AVX-VF05P10391K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VF05P10431K AVX-VF05P10431K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VF05P10471K AVX-VF05P10471K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
More results

Similar Description - VF05P10241K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE07P00251K AVX-VE07P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
   AJ3 Joystick for Heavy Duty Applications
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com