Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F002 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # M29F002
Description  2M (256K X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

M29F002 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button M29F002 Datasheet HTML 3Page - Fujitsu Component Limited. M29F002 Datasheet HTML 4Page - Fujitsu Component Limited. M29F002 Datasheet HTML 5Page - Fujitsu Component Limited. M29F002 Datasheet HTML 6Page - Fujitsu Component Limited. M29F002 Datasheet HTML 7Page - Fujitsu Component Limited. M29F002 Datasheet HTML 8Page - Fujitsu Component Limited. M29F002 Datasheet HTML 9Page - Fujitsu Component Limited. M29F002 Datasheet HTML 10Page - Fujitsu Component Limited. M29F002 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
MBM29F002TC-55/-70/-90/MBM29F002BC-55/-70/-90
s LOGIC SYMBOL
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse Input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to
Table 6.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
Table 1
MBM29F002TC/BC Pin Configuration
Pin
Function
A0 to A17
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Hardware Reset Pin/Sector Protection
Unlock
N.C.
No Internal Connection
VSS
Device Ground
VCC
Device Power Supply
Table 2
MBM29F002TC/BC User Bus Operations
Operation
CE
OE
WE
A0
A1
A6
A9
A10
DQ0 to DQ7
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
LCode
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
LCode
H
Read (3)
L
L
H
A0
A1
A6
A9
A10
DOUT
H
Standby
H
XXXXXXX
HIGH-Z
H
Output Disable
L
H
H
XXXXX
HIGH-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
A10
DIN
H
Enable Sector Protection (2)
L
VID
XXX
VID
XX
H
Verify Sector Protection (2)
L
L
H
L
H
L
VID
LCode
H
Temporary Sector Unprotection
X
X
X
X
X
X
X
X
X
VID
Reset (Hardware)
XXXXXXXX
HIGH-Z
L
18
A 0 to A 17
WE
OE
CE
DQ0 to DQ7
8
RESET


Similar Part No. - M29F002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002 STMICROELECTRONICS-M29F002 Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
M29F002 AMD-M29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K6TR STMICROELECTRONICS-M29F002B-120K6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com