Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6583 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6583 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6583_14 Datasheet HTML 1Page - Texas Instruments LMH6583_14 Datasheet HTML 2Page - Texas Instruments LMH6583_14 Datasheet HTML 3Page - Texas Instruments LMH6583_14 Datasheet HTML 4Page - Texas Instruments LMH6583_14 Datasheet HTML 5Page - Texas Instruments LMH6583_14 Datasheet HTML 6Page - Texas Instruments LMH6583_14 Datasheet HTML 7Page - Texas Instruments LMH6583_14 Datasheet HTML 8Page - Texas Instruments LMH6583_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LMH6583
www.ti.com
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
±5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, typical conditions are: TA = 25°C, AV = +2, VS = ±5V, RL = 100Ω; Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2 VPP, 5 MHz
−80
dBc
HD3
3rd Harmonic Distortion
2 VPP, 5 MHz
−70
dBc
en
Input Referred Voltage Noise
>1 MHz
12
nV/
√Hz
in
Input Referred Noise Current
>1 MHz
2
pA/
√Hz
Switching Time
15
ns
XTLK
Cross Talk
All Hostile, f = 100 MHz
−45
dBc
Channel to Channel, f = 100 MHz
−52
dBc
ISOL
Off Isolation
f = 100 MHz
−65
dBc
Static, DC Performance
AV
Gain
LMH6583
1.986
2.00
2.014
VOS
Offset Voltage
Input Referred
±2
±17
mV
TCVOS
Output Offset Voltage Average Drift
(5)
38
µV/°C
IB
Input Bias Current
Non-Inverting (6)
−5
−12
µA
TCIB
Input Bias Current Average Drift
Non-Inverting (5)
−12
nA/°C
VO
Output Voltage Range
RL = 100Ω
+3.3
±3.6
V
−3.4
VO
Output Voltage Range
RL = ∞
±3.7
±3.9
V
PSRR
Power Supply Rejection Ratio
DC
42
45
dB
XTLK
DC Crosstalk
DC, Channel to Channel
−58
−90
dB
ISOL
DC Off Isloation
DC
−60
−90
dB
ICC
Positive Supply Current
RL = ∞
110
130
mA
IEE
Negative Supply Current
RL = ∞
104
124
mA
Tri State Supply Current
RST Pin > 2.0V
22
30
mA
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
100
k
CIN
Input Capacitance
Non-Inverting
1
pF
RO
Output Resistance Enabled
Closed Loop, Enabled
300
m
RO
Output Resistance Disabled
Disabled, Resistance to Ground
1100
1300
1450
CMVR
Input Common Mode Voltage Range
±3.0
V
IO
Output Current
Sourcing, VO = 0 V
±60
±70
mA
Digital Control
VIH
Input Voltage High
2.0
V
VIL
Input Voltage Low
0.8
V
VOH
Output Voltage High
>2.4
V
VOL
Output Voltage Low
<0.4
V
TS
Setup Time
5
ns
TH
Hold Time
5
ns
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6583


Similar Part No. - LMH6583_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6583YA NSC-LMH6583YA Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583YA/NOPB TI1-LMH6583YA/NOPB Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
More results

Similar Description - LMH6583_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com