Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F002BC-90 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MBM29F002BC-90
Description  2M (256K X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F002BC-90 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MBM29F002BC-90 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F002BC-90 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
MBM29F002TC-55/-70/-90/MBM29F002BC-55/-70/-90
s CONNECTION DIAGRAMS
A11
A9
A8
A13
A14
A17
WE
VCC
RESET
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
V SS
DQ2
DQ1
DQ0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
A16
RESET
VCC
WE
A17
A14
A13
A8
A9
A11
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Standard Pinout
Reverse Pinout
TSOP (I)
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4
3
2
1
32
31
30
14
15
16
17
18
19
20
PLCC
LCC-32P-M02
FPT-32P-M24
FPT-32P-M25
Marking Side
Marking Side


Similar Part No. - MBM29F002BC-90

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004BC-70PD SPANSION-MBM29F004BC-70PD Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTN SPANSION-MBM29F004BC-70PFTN Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTR SPANSION-MBM29F004BC-70PFTR Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PD SPANSION-MBM29F004BC-90PD Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PFTN SPANSION-MBM29F004BC-90PFTN Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results

Similar Description - MBM29F002BC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com