Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE17P00141K Datasheet(PDF) 4 Page - AVX Corporation

Part # VE17P00141K
Description  VE/VF Types for Heavy Duty Applications (P Series)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17P00141K Datasheet(HTML) 4 Page - AVX Corporation

  VE17P00141K Datasheet HTML 1Page - AVX Corporation VE17P00141K Datasheet HTML 2Page - AVX Corporation VE17P00141K Datasheet HTML 3Page - AVX Corporation VE17P00141K Datasheet HTML 4Page - AVX Corporation VE17P00141K Datasheet HTML 5Page - AVX Corporation VE17P00141K Datasheet HTML 6Page - AVX Corporation VE17P00141K Datasheet HTML 7Page - AVX Corporation VE17P00141K Datasheet HTML 8Page - AVX Corporation VE17P00141K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPC
21
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1 surge
1 surge
2 surges
pF
W
mm (inches)
Page
Page
645
5
17
800
600
50
0.1
5.4 (.213)
34
24
645
10
35
1750
1250
130
0.2
5.4 (.213)
34
25
645
25
70
3500
2500
230
0.4
5.9 (.232)
34
26
645
50
140
6000
4500
500
0.6
5.9 (.232)
35
27
645
100
280
10000
7000
1300
0.8
6.3 (.248)
35
28
710
5
20
800
600
45
0.1
5.7 (.224)
34
24
710
10
40
1750
1250
120
0.2
5.7 (.224)
34
25
710
25
80
3500
2500
210
0.4
6.3 (.248)
34
26
710
50
160
6000
4500
450
0.6
6.3 (.248)
35
27
710
100
310
10000
7000
1200
0.8
6.7 (.264)
35
28
775
5
21
800
600
40
0.1
6.0 (.236)
34
24
775
10
42
1750
1250
100
0.2
6.0 (.236)
34
25
775
25
85
3500
2500
180
0.4
6.6 (.260)
34
26
775
50
170
6000
4500
400
0.6
6.6 (.260)
35
27
775
100
340
10000
7000
1000
0.8
7.0 (.276)
35
28
840
10
45
1750
1250
100
0.2
6.4 (.252)
34
25
840
25
90
3500
2500
170
0.4
7.0 (.276)
34
26
840
50
180
5000
4000
380
0.6
7.0 (.276)
35
27
840
100
360
8000
6000
950
0.8
7.5 (.295)
35
28
910
10
47
1750
1250
95
0.2
6.6 (.260)
34
25
910
25
95
3500
2500
160
0.4
7.3 (.287)
34
26
910
50
190
5000
4000
365
0.6
7.3 (.287)
35
27
910
100
380
8000
6000
900
0.8
7.8 (.307)
35
28
1025
10
50
1750
1250
95
0.2
7.0 (.276)
34
25
1025
25
100
3500
2500
150
0.4
7.7 (.303)
34
26
1025
50
200
5000
4000
350
0.6
7.7 (.303)
35
27
1025
100
400
8000
6000
850
0.8
8.1 (.319)
35
28
1120
10
52
1750
1250
80
0.2
7.4 (.291)
34
25
1120
25
105
3500
2500
120
0.4
8.2 (.323)
34
26
1120
50
210
5000
4000
300
0.6
8.2 (.323)
35
27
1120
100
420
8000
6000
700
0.8
8.6 (.339)
35
28
1180
25
105
3500
2500
115
0.4
8.4 (.331)
34
26
1180
50
210
5000
4000
275
0.6
8.4 (.331)
35
27
1180
100
420
8000
6000
650
0.8
8.8 (.346)
35
28
1240
25
105
3500
2500
110
0.4
8.5 (.335)
34
26
1240
50
210
5000
4000
250
0.6
8.5 (.335)
35
27
1240
100
420
8000
6000
600
0.8
9.0 (.354)
35
28
1350
25
110
3500
2500
100
0.4
9.0 (.354)
34
26
1350
50
225
5000
4000
220
0.6
9.0 (.354)
35
27
1350
100
450
7500
6000
550
0.8
9.4 (.370)
35
28
1420
25
120
3500
2500
90
0.4
9.3 (.366)
34
26
1420
50
240
5000
4000
200
0.6
9.3 (.366)
35
27
1420
100
480
7500
6000
500
0.8
9.7 (.382)
35
28
1500
25
125
3500
2500
80
0.4
9.7 (.382)
34
26
1500
50
250
5000
4000
180
0.6
9.7 (.382)
35
27
1500
100
500
7500
6000
450
0.8
10.1 (.398)
35
28
1650
25
140
3500
2500
74
0.4
10.5 (.413)
34
26
1650
50
230
5000
4000
165
0.6
10.5 (.413)
35
27
1650
100
560
7500
6000
410
0.8
11.0 (.433)
35
28
Zinc Oxide Varistors
VE/VF Types for Heavy Duty Applications (“P Series”)


Similar Part No. - VE17P00141K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00251K AVX-VE17P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00301K AVX-VE17P00301K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00321K AVX-VE17P00321K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00351K AVX-VE17P00351K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00421K AVX-VE17P00421K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
More results

Similar Description - VE17P00141K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE07P00251K AVX-VE07P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
   AJ3 Joystick for Heavy Duty Applications
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com