Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P585-A20-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P585-A20-PM
Description  Standard Power Integrated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P585-A20-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-P585-A20-PM Datasheet HTML 1Page - Vincotech V23990-P585-A20-PM Datasheet HTML 2Page - Vincotech V23990-P585-A20-PM Datasheet HTML 3Page - Vincotech V23990-P585-A20-PM Datasheet HTML 4Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V23990-P58X-A-PM
flowPIM
® 1 (2nd gen.)
V23990-P58x-A-U-01-14
Tyco Electronics
Finsinger Feld 1, 85521 München
module types / Produkttypen
partnumber
voltage
current
Technology
Features
V23990-P584-A-PM
600 V
20A
IGBT2
With BRC
V23990-P585-A-PM
600 V
30A
IGBT2
With BRC
V23990-P585-A20-PM
600 V
30A
IGBT3
With BRC
V23990-P585-C20-PM
600 V
30A
IGBT3
Without BRC
V23990-P586-A-PM
600 V
50A
IGBT2
With BRC
V23990-P586-A20-PM
600 V
50A
IGBT3
With BRC
V23990-P586-C20-PM
600 V
50A
IGBT3
Without BRC
V23990-P587-A20-PM
600 V
75A
IGBT3
With BRC
V23990-P587-C20-PM
600 V
75A
IGBT3
Without BRC
V23990-P588-A-PM
1200 V
15A
IGBT3
With BRC
V23990-P588-C-PM
1200 V
15A
IGBT3
Without BRC
V23990-P589-A-PM
1200 V
25A
IGBT3
With BRC
V23990-P589-C-PM
1200 V
25A
IGBT3
Without BRC
V23990-P580-A-PM
1200 V
35A
IGBT3
With BRC
V23990-P580-C-PM
1200 V
35A
IGBT3
Without BRC
Schematics/ Schaltpläne
Copyright by Vincotech
Revision:1


Similar Part No. - V23990-P585-A20-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P585-A20-PM VINCOTECH-V23990-P585-A20-PM Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results

Similar Description - V23990-P585-A20-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P63X-A-U-D1-14 VINCOTECH-V23990-P63X-A-U-D1-14 Datasheet
504Kb / 5P
   Standard Power Integrated Module
V23990-K22X-U-D1-14 VINCOTECH-V23990-K22X-U-D1-14 Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990-K24X-U-D1-14 VINCOTECH-V23990-K24X-U-D1-14 Datasheet
777Kb / 13P
   Standard Power Integrated Module
V23990-K20X-U-D1-14 VINCOTECH-V23990-K20X-U-D1-14 Datasheet
539Kb / 11P
   Standard Power Integrated Module
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR35SB140 FUJI-7MBR35SB140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR10UF120 FUJI-7MBR10UF120 Datasheet
1Mb / 16P
   Power Integrated Module
7MBR20SA060A FUJI-7MBR20SA060A Datasheet
389Kb / 10P
   Power Integrated Module
7MBR25SA140 FUJI-7MBR25SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR15UF060 FUJI-7MBR15UF060 Datasheet
1,007Kb / 16P
   Power Integrated Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com