Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F20X2 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F20X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F20X2 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F20X2 Datasheet HTML 1Page - Texas Instruments MSP430F20X2 Datasheet HTML 2Page - Texas Instruments MSP430F20X2 Datasheet HTML 3Page - Texas Instruments MSP430F20X2 Datasheet HTML 4Page - Texas Instruments MSP430F20X2 Datasheet HTML 5Page - Texas Instruments MSP430F20X2 Datasheet HTML 6Page - Texas Instruments MSP430F20X2 Datasheet HTML 7Page - Texas Instruments MSP430F20X2 Datasheet HTML 8Page - Texas Instruments MSP430F20X2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491I – AUGUST 2005 – REVISED DECEMBER 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range 1.8 V to 3.6 V
Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Ultra-Low Power Consumption
Code Protection by Security Fuse
Active Mode: 220 µA at 1 MHz, 2.2 V
On-Chip Emulation Logic With Spy-Bi-Wire
Standby Mode: 0.5 µA
Interface
Off Mode (RAM Retention): 0.1 µA
Family Members:
Five Power-Saving Modes
MSP430F2001
Ultra-Fast Wake-Up From Standby Mode in
1KB + 256B Flash Memory
Less Than 1 µs
128B RAM
16-Bit RISC Architecture, 62.5-ns Instruction
MSP430F2011
Cycle Time
2KB + 256B Flash Memory
Basic Clock Module Configurations:
128B RAM
Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
MSP430F2002
Internal Very Low-Power Low-Frequency
1KB + 256B Flash Memory
Oscillator
128B RAM
32-kHz Crystal
MSP430F2012
External Digital Clock Source
2KB + 256B Flash Memory
16-Bit Timer_A With Two Capture/Compare
128B RAM
Registers
MSP430F2003
On-Chip Comparator for Analog Signal
1KB + 256B Flash Memory
Compare Function or Slope A/D
128B RAM
(MSP430F20x1)
MSP430F2013
10-Bit 200-ksps A/D Converter With Internal
2KB + 256B Flash Memory
Reference, Sample-and-Hold, and Autoscan
(MSP430F20x2)
128B RAM
16-Bit Sigma-Delta A/D Converter With
Available in 14-Pin Plastic Small-Outline Thin
Differential PGA Inputs and Internal Reference
Package (TSSOP), 14-Pin Plastic Dual Inline
(MSP430F20x3)
Package (PDIP), and 16-Pin QFN
Universal Serial Interface (USI) Supporting SPI
For Complete Module Descriptions, See the
and I2C (MSP430F20x2 and MSP430F20x3)
MSP430x2xx Family User's Guide (SLAU144)
Brownout Detector
DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 µs.
The MSP430F20xx series is an ultra-low-power mixed signal microcontroller with a built-in 16-bit timer and ten
I/O pins. In addition, the MSP430F20x1 has a versatile analog comparator. The MSP430F20x2 and
MSP430F20x3 have built-in communication capability using synchronous protocols (SPI or I2C) and a 10-bit A/D
converter (MSP430F20x2) or a 16-bit sigma-delta A/D converter (MSP430F20x3).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F20X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F20X2 TI-MSP430F20X2 Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F20X2 TI-MSP430F20X2 Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F20X2 TI1-MSP430F20X2 Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F20X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com