Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2009-100CM Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C2009-100CM
Description  4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed cable 100cm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2009-100CM Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2009-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2009-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2009-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2009-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Notes:
• Values at +25 °C, sea level
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax,
RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed Cable 100 CM Length Using
SR402FLJ Low PIM Coax, RoHS PE3C2009-100CM
URL:
http://www.pasternack.com/4.1-9.5-male-4.1-9.5-male-sr402flj-low-pim-cable-pe3c2009-100cm-p.aspx
PE3C2009-100CM REV 1.0
PE3C2009-100CM
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed
Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS


Similar Part No. - PE3C2009-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2009-200CM PASTERNACK-PE3C2009-200CM Datasheet
452Kb / 4P
   4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed 200Cm
More results

Similar Description - PE3C2009-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2009-200CM PASTERNACK-PE3C2009-200CM Datasheet
452Kb / 4P
   4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed 200Cm
PE3C2010-200CM PASTERNACK-PE3C2010-200CM Datasheet
449Kb / 3P
   4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PE3C2010-100CM PASTERNACK-PE3C2010-100CM Datasheet
449Kb / 3P
   4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91231 PASTERNACK-PE91231 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
   Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
PE3C5841 PASTERNACK-PE3C5841 Datasheet
523Kb / 6P
   Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Fema Low PIM Cable
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE3C5847 PASTERNACK-PE3C5847 Datasheet
523Kb / 6P
   Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Right Angle Low PIM Cable
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com