Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V28B5T75BF Datasheet(PDF) 4 Page - Vicor Corporation

Part # V28B5T75BF
Description  DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28B5T75BF Datasheet(HTML) 4 Page - Vicor Corporation

  V28B5T75BF Datasheet HTML 1Page - Vicor Corporation V28B5T75BF Datasheet HTML 2Page - Vicor Corporation V28B5T75BF Datasheet HTML 3Page - Vicor Corporation V28B5T75BF Datasheet HTML 4Page - Vicor Corporation V28B5T75BF Datasheet HTML 5Page - Vicor Corporation V28B5T75BF Datasheet HTML 6Page - Vicor Corporation V28B5T75BF Datasheet HTML 7Page - Vicor Corporation V28B5T75BF Datasheet HTML 8Page - Vicor Corporation V28B5T75BF Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
28 V Wide Mini Family
Rev 1.8
vicorpower.com
Page 4 of 11
07/2014
800 927.9474
28 V Wide Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
76.7
77.7
%
Nominal input; full load; 25°C
Ripple and noise
60
75
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.2
5.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
22.73
Amps
For Vin 9 - 10 V, load current 17.05 A max.
Current limit
23.1
26.1
30.7
Amps
Output voltage 95% of nominal
Short circuit current
15.8
26.1
30.7
Amps
Output voltage <250 mV
3.3 Vout, 75 W (e.g. V28B3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
71.8
73.3
%
Nominal input; full load; 25°C
Ripple and noise
252
315
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.8
6.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15
Amps
For Vin 9 - 10 V, load current 11.25 A max.
Current limit
15.3
17.3
20.3
Amps
Output voltage 95% of nominal
Short circuit current
10.5
17.3
20.3
Amps
Output voltage <250 mV
5 Vout, 75 W (e.g. V28B5C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
79.3
80.8
%
Nominal input; full load; 25°C
Ripple and noise
290
363
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
8.2
9.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10.4
Amps
For Vin 9 - 10 V, load current 7.8 A max.
Current limit
10.6
12.0
14.1
Amps
Output voltage 95% of nominal
Short circuit current
7.3
12.0
14.1
Amps
Output voltage <250 mV
12 Vout, 125 W (e.g. V28B12C125BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80.0
81.3
%
Nominal input; full load; 25°C
Ripple and noise
328
410
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
6.8
7.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
For Vin 9 - 10 V, load current 7.5 A max.
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
7
11.5
13.5
Amps
Output voltage <250 mV
15 Vout, 150 W (e.g. V28B15C150BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - V28B5T75BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28B15C150BG VICOR-V28B15C150BG Datasheet
1Mb / 11P
   DC-DC Converter Module
V28B24T150BL2 VICOR-V28B24T150BL2 Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
V28B24T150BL2 VICOR-V28B24T150BL2 Datasheet
355Kb / 11P
   DC-DC Converter Module
V28B24T150BL2 VICOR-V28B24T150BL2_16 Datasheet
355Kb / 11P
   DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results

Similar Description - V28B5T75BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com