Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F4250IDL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4250IDL
Description  MIXED SIGNAL MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F4250IDL Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F4250IDL Datasheet HTML 5Page - Texas Instruments MSP430F4250IDL Datasheet HTML 6Page - Texas Instruments MSP430F4250IDL Datasheet HTML 7Page - Texas Instruments MSP430F4250IDL Datasheet HTML 8Page - Texas Instruments MSP430F4250IDL Datasheet HTML 9Page - Texas Instruments MSP430F4250IDL Datasheet HTML 10Page - Texas Instruments MSP430F4250IDL Datasheet HTML 11Page - Texas Instruments MSP430F4250IDL Datasheet HTML 12Page - Texas Instruments MSP430F4250IDL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the address range 0FFFFh−0FFE0h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Table 3. Interrupt Sources, Flags, and Vectors of MSP430F42x0 Configuration
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD
ADDRESS
PRIORITY
Power-Up
External Reset
Watchdog
Flash Memory
PC Out-of-Range (see Note 4)
WDTIFG
KEYV
(see Note 1)
Reset
0FFFEh
15, highest
NMI
Oscillator Fault
Flash Memory Access Violation
NMIIFG (see Notes 1 and 3)
OFIFG (see Notes 1 and 3)
ACCVIFG (see Notes 1 and 3)
(Non)maskable
(Non)maskable
(Non)maskable
0FFFCh
14
0FFFAh
13
SD16_A
SD16CCTLx SD16OVIFG,
SD16CCTLx SD16IFG
(see Notes 1 and 2)
Maskable
0FFF8h
12
0FFF6h
11
Watchdog Timer
WDTIFG
Maskable
0FFF4h
10
0FFF2h
9
0FFF0h
8
0FFEEh
7
Timer_A3
TACCR0 CCIFG0 (see Note 2)
Maskable
0FFECh
6
Timer_A3
TACCR1 CCIFG1 and TACCR2 CCIFG2,
TAIFG (see Notes 1 and 2)
Maskable
0FFEAh
5
I/O Port P1 (Eight Flags)
P1IFG.0 to P1IFG.7 (see Notes 1 and 2)
Maskable
0FFE8h
4
DAC12
DAC12_0IFG
(see Note 2)
Maskable
0FFE6h
3
0FFE4h
2
I/O Port P2 (Eight Flags)
P2IFG.0 to P2IFG.7 (see Notes 1 and 2)
Maskable
0FFE2h
1
Basic Timer1
BTIFG
Maskable
0FFE0h
0, lowest
NOTES:
1. Multiple source flags
2. Interrupt flags are located in the module.
3. (Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot
disable it.
4. A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h−01FFh) or from
within unused address ranges (MSP430F4270, MSP430F4260: from 0300h to 0BFFh and from 01100h to 07FFFh,
MSP430F4250: from 0300h to 0BFFh and from 01100h to 0BFFFh).


Similar Part No. - MSP430F4250IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4250IDL TI-MSP430F4250IDL Datasheet
916Kb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4250IDL TI-MSP430F4250IDL Datasheet
1Mb / 63P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4250IDLR TI-MSP430F4250IDLR Datasheet
916Kb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4250IDLR TI-MSP430F4250IDLR Datasheet
1Mb / 63P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F4250IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com