Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1L05BPUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1L05BPUR
Description  Very low quiescent current BiCMOS voltage regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05BPUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1L05BPUR Datasheet HTML 3Page - STMicroelectronics ST1L05BPUR Datasheet HTML 4Page - STMicroelectronics ST1L05BPUR Datasheet HTML 5Page - STMicroelectronics ST1L05BPUR Datasheet HTML 6Page - STMicroelectronics ST1L05BPUR Datasheet HTML 7Page - STMicroelectronics ST1L05BPUR Datasheet HTML 8Page - STMicroelectronics ST1L05BPUR Datasheet HTML 9Page - STMicroelectronics ST1L05BPUR Datasheet HTML 10Page - STMicroelectronics ST1L05BPUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID14492 Rev 3
7/30
ST1L05
Pin configuration
30
2
Pin configuration
Figure 5. Pin connections (top view)
ST1L05
ST1L05A
ST1L05B
ST1L05D
ST1L05C
Table 2. Pin description
Symbol
Pin
Function
ST1L05
ST1L05A ST1L05B ST1L05C
ST1L05D
VI
63
6
6
8
Supply voltage input pin. Bypass with a
4.7 µF capacitor to GND
VO
42
4
4
6
Output voltage pin. Bypass with a 4.7 µF
capacitor to GND
GND
2
6
2
2
2
Ground pin
ADJ
-
-
5
-
7
Adjust pin
VO_SENSE
5
--5
-
VO sense
PG
-
-
3
-
3
Power Good pin
EN
-
-
1
1
1
Enable pin. Internal pull-up to VI
N.C.
1-3
1-4-5
-
3
4-5
Not connected
GND
Exposed
Exposed pad has to be connected to GND


Similar Part No. - ST1L05BPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
More results

Similar Description - ST1L05BPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com