Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SME2470-001 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # SME2470-001
Description  Ceramic Discrete Surface Mount Emitters and Detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SME2470-001 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  SME2470-001 Datasheet HTML 1Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 2Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 3Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 4Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 5Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 6Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 7Page - Honeywell Accelerometers SME2470-001 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Infrared Components
Ceramic Discrete Surface Mount
SME/SMD Series
4 Honeywell
• Sensing and Control
For application help: call 1-800-537-6945
SMD2440 SERIES PHOTOTRANSISTOR ABSOLUTE MAXIMUM
RATINGS
Collector-Emitter voltage
30 V
Emitter-Collector voltage
5 V
Continuous device dissipation*
125 mW
Operating free air range
-55° to +125°C (-67° to +257°F)
Storage temperature
-65° to +150°C (-85° to +302°F)
Soldering temperature
260°C (500°F), 5 seconds max.
*Derate 1.43 mW/°C above 25°C ambient.
SMD2440 SERIES PHOTOTRANSISTOR ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Sym.
Min.
Typ.
Max.
Units
Light current
-0X1
-0X2
V
CE = 5 V, H = 1 mW/cm
2,
880 nm light source
I
L
1.5
3.0
4.0
8.0
mA
mA
Dark current
V
CE = 10 V, H = 0
I
D
100
nA
Collector breakdown voltage
I
C = 100 µA, H = 0
BV
CEO
30
Volts
Emitter breakdown voltage
I
E = 100 µA, H = 0
BV
ECO
5
Volts
Saturation voltage (C to E)
I
C = 0.04 mA, H = 1 mW/cm
2
V
CE(SAT)
0.2
0.4
Volts
Peak response wavelength
λ
880
nm
Rise time
V
CC = 5 V, RL = 1000 Ω, IL = 1 mA
t
R
15
µs
Fall time
t
F
15
µs
SMD2420 SERIES PHOTODIODE ABSOLUTE MAXIMUM
RATINGS
Cathode-Anode voltage
50 V
Continuous device dissipation*
125 mW
Operating free air range
-55° to +125°C (-67° to +257°F)
Storage temperature
-65° to +150°C (-85° to +302°F)
Soldering temperature
260°C (500°F), 5 seconds max.
*Derate 1.43 mW/°C above 25°C ambient.
SMD2420 SERIES PHOTODIODE ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Sym.
Min.
Typ.
Max.
Units
Light current
V
R = 20 V, H = 1 mW/cm
2*I
L
6µA
Dark current
V
R = 20 v, h = 0
I
D
5nA
Reverse breakdown voltage
I
R = 10 µA, H = 0
BV
R
50
Volts
Peak response wavelength
λ
880
nm
Rise time
V
R = 20 V, RL 100 Ω, IL = 10 µA
t
R
20
ns
Fall time
t
F
20
ns
*From 880 nm source


Similar Part No. - SME2470-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
More results

Similar Description - SME2470-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
   Matched Pairs of Emitters and Detectors
Rev. 1.4, 04-Sep-06
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
List of Unclassifed Man...
MLX90247 ETC2-MLX90247_07 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
MLX90247 ETC2-MLX90247_04 Datasheet
231Kb / 10P
   Discrete Infrared Thermopile Detectors
logo
Melexis Microelectronic...
MLX90247 MELEXIS-MLX90247 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
logo
List of Unclassifed Man...
MLX90247 ETC1-MLX90247 Datasheet
168Kb / 11P
   Discrete Infrared Thermopile Detectors
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Lumileds Lighting Compa...
WP23 LUMILEDS-WP23 Datasheet
929Kb / 10P
   of LED Emitters and LED Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com