Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F553APFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F553APFV
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F553APFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F553APFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F553APFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
MB90550A/550B Series
4
(Continued)
*:Varies with conditions such as the operating frequency. (See section “s ELECTRICAL CHARACTERISTICS”)
Assurance for the MB90V550A is given only for operation with a tool at a power voltage of 4.5 V to 5.5 V, an
operating temperature of 0
°C to +25°C, and an operating frequency of 1 MHz to 16 MHz.
s
s
s
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
Note:For more information about each package, see section “s PACKAGE DIMENSIONS”
s
s
s
s DIFFERENCES AMONG PRODUCTS
Memory Size
In evaluation with an evaluation product, note the difference between the evaluation product and the product
actually used. The following items must be taken into consideration.
• The MB90V550A does not have an internal ROM. However, operations equivalent to those performed by a
chip with an internal ROM can be evaluated by using a dedicated development tool, enabling selection of ROM
size by setting the development tool.
• In the MB90V550A, images from FF4000H to FFFFFFH are mapped to bank 00, and FE0000H to FF3FFFH
are mapped to bank FE and FF only. (This setting can be changed by configuring the development tool.)
• In the MB90F553A/553A/553B/552A/552B, images from FF4000H to FFFFFFH are mapped to bank 00, and
FF0000H to FF3FFFH to bank FF only.
Part number
Item
MB90552A
MB90552B
MB90553A
MB90553B
MB90F553A MB90P553A MB90T552A
MB90T553A MB90V550A
DTP/external
interrupt circuit
Number of inputs: 8
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
External interrupt circuit or extended intelligent I/O service (EI2OS) can be used.
Extended I/O serial
interface
Clock synchronized transmission (3125 bps to 1 Mbps)
LSB first/MSB first
I2C interface
Serial I/O port for supporting Inter IC BUS
Timebase timer
18-bit counter
Interrupt interval: 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms
(at oscillation of 4 MHz)
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(at oscillation of 4 MHz, minimum value)
Process
CMOS
Power supply volt-
age for operation*
4.5 V to 5.5 V
Package
MB90552A
MB90552B
MB90553A
MB90553B
MB90F553A
MB90P553A
FPT-100P-M05
×
FPT-100P-M06


Similar Part No. - MB90F553APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F553APF FUJITSU-MB90F553APF Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90F553APF FUJITSU-MB90F553APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F553APF FUJITSU-MB90F553APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F553APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com