Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F155 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F155 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91F155 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 9Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 10Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 11Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 12Page - Fujitsu Component Limited. MB91F155 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
MB91F155/MB91154
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
105
PI2/SCK2/TO2
P
UART2 clock I/O, Reload timer 2 output
When UART2 clock output is not allowed, reload timer 2 can be output by
allowing it.
This pin is available as a port when neither UART2 clock output nor reload
timer output is allowed.
106
PI1/SOT2
P
UART2 data output
This function is enabled when UART2 data output is allowed.
This pin is available as a port when UART2 clock output is not allowed.
107
PI0/SIN2
P
UART2 data input
Since this input is used more or less continuously while UART2 is en-
gaged in input operations, output by the port needs to be stopped except
when it is performed deliberately.
This pin is available as a port when UART2 data input is not in use.
108
PH5/SCK1/TO1
P
UART1 clock I/O, Reload timer 1 output
When UART1 clock output is not allowed, reload timer 1 can be output by
allowing it.
This pin is available as a port when neither UART1 clock output nor reload
timer output is allowed.
109
PH4/SOT1
P
UART1 data output
This function is enabled when UART1 data output is allowed.
This pin is available as a port when UART1 clock output is not allowed.
110
PH3/SIN1
P
UART1 data input
Since this input is used more or less continuously while UART1 is en-
gaged in input operations, output by the port needs to be stopped except
when it is performed deliberately.
This pin is available as a port when UART1 data input is not in use.
111
PH2/SCK0/TO0
P
UART0 clock I/O, Reload timer 0 output
When UART0 clock output is not allowed, reload timer 0 can be output by
allowing it.
This pin is available as a port when neither UART0 clock output nor reload
timer output is allowed.
112
PH1/SOT0
P
UART0 data output
This function is enabled when UART0 data output is allowed.
This pin is available as a port when UART0 clock output is not allowed.
113
PH0/SIN0
P
UART0 data input
Since this input is used more or less continuously while UART0 is en-
gaged in input operations, output by the port needs to be stopped except
when it is performed deliberately.
This pin is available as a port when UART0 data input is not in use.
114
DREQ0/PL0
F
DMA external transfer request input
Since this input is used more or less continuously when selected as a
DMAC transfer factor, output by the port needs to be stopped except when
it is performed deliberately.
This pin is available as a port when DMA external transfer request input is
not in use.


Similar Part No. - MB91F155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F155APFV-G FUJITSU-MB91F155APFV-G Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91F155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com