Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90653APF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90653APF
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90653APF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90653APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90653APF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
6
MB90650A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
80
82
X0
A
Crystal oscillator pin
81
83
X1
A
Crystal oscillator pin
77
79
X1A
B
Crystal oscillatort pins (32 kHz)
78
80
X0A
B
Crystal oscillatort pins (32 kHz)
47 to 49
49 to 51
MD0 to MD2
D
Operating mode selection pins
Connect directly to VCC or VSS.
50
52
TEST
D
Test input pin
This pin must always be fixed to “H”.
75
77
RST
C
Reset input pin
83 to 90
85 to 92
P00 to P07
E
(STBC)
General-purpose I/O ports
Pull-up resistors can be set (RD07 to RD00 = “1”) using the
pull-up resistor setting register (RDR0).
The setting does not apply for ports set as outputs (D07 to D00
= “1”: invalid at the output setting).
AD00 to AD07
In external bus mode, the pins function as the lower data I/O or
lower address outputs (AD00 to AD07).
91 to 98
93 to 100 P10 to P17
E
(STBC)
General-purpose I/O ports
Pull-up resistors can be set (RD17 to RD10 = “1”) using the
pull-up resistor setting register (RDR1).
The setting does not apply for ports set as outputs (D17 to D10
= “1”: invalid at the output setting).
AD08 to AD15
In 16-bit external bus mode, the pins function as the upper data
I/O or middle address outputs (AD08 to AD15).
99,
100,
1 to 6
1,
2,
3 to 8
P20,
P21,
P22 to P27
I
(STBC)
General-purpose I/O ports
In external bus mode, pins for which the corresponding bit in
the HACR register is “0” function as the P20 to P27 pins.
A16,
A17,
A18 to A23
In external bus mode, pins for which the corresponding bit in
the HACR register is “1” function as the upper address output
pins (A16 to A23).
79
P30
I
(STBC)
General-purpose I/O port
Functions as the ALE pin in external bus mode.
ALE
Functions as the address latch enable signal.
810
P31
I
(STBC)
General-purpose I/O port
Functions as the RD pin in external bus mode.
RD
Functions as the read strobe output (RD).
10
12
P32
I
(STBC)
General-purpose I/O port
Functions as the WRL pin in external bus mode if the WRE bit
in the ECSR register is “1”.
WRL
Functions as the lower data write strobe output (WRL).


Similar Part No. - MB90653APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90653APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com