Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA0944 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0944
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0944 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0944 Datasheet HTML 1Page - Pulse A Technitrol Company PA0944 Datasheet HTML 2Page - Pulse A Technitrol Company PA0944 Datasheet HTML 3Page - Pulse A Technitrol Company PA0944 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
www.pulseeng.com
93
SPM2007 (5/10)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA09XXNL Series (up to 250W)
PRI A
2
4
8
9
1T
B3
7
1T
1
6
PRI AUX
10
11
1T
B2
10
11
XT
7
8
XT
1
6
PRI AUX
2
4
PRI A
2
4
PRI A
B1
1
6
PRI AUX
8
9
1T
7
1T
10
11
1T
1T
— SINGLE INTERLEAVE SCHEMATICS —
— DOUBLE INTERLEAVE SCHEMATICS —
2
4
PRI A
A2
3
5
PRI B
1
6
PRI AUX
10
11
1T
7
8
1T
2
4
PRI A
A1
3
5
PRI B
1
6
PRI AUX
8
9
1T
7
1T
10
11
1T
1T
Schematics
Mechanical
Weight .................. 19.8 grams
Tray ............................. 30/tray
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
SUGGESTED PAD LAYOUT
6
1
7
11
.110
2,79
6XØ
1.050
26,67
.130
3,30
5XØ
.700
17,78
.600
15,24
.300
7,62
1.000
25,40
.160
4,06
.500
12,70
OPTIONAL
(For Mechanical
Connection
of Clips)
.063
1,60
.250
6,35
.625
15,88
PA090X
Date Code
Country of Origin
1.000
25,40MAX
6
.074
1,88
5XØ
SHAFT
.100
2,54
5XØ
FOOT
1
7
11
1.160
29,46
MAX
.047
1,19
6XØ
SHAFT
.080
2,03
6XØ
FOOT
H*
*H - Maximum Height
(see table above)
.005/0,13
10 SURFACES
NOTE: The above is a universal footprint for
a component that has all 11 pins populated.
For a given part number it is only necessary
to provide pads for the terminations shown in
the schematic below.


Similar Part No. - PA0944

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0943 PULSE-PA0943 Datasheet
631Kb / 4P
   High Frequency Planar Transformers
logo
PREMIER DEVICES, INC.
PA0943DG-41 PDI-PA0943DG-41 Datasheet
61Kb / 1P
   DROP-IN ISO-ATTENUATOR
PA0943DG-41H PDI-PA0943DG-41H Datasheet
95Kb / 1P
   DROP-IN ISO-ATTENUATOR
PA0943DG-42 PDI-PA0943DG-42 Datasheet
62Kb / 1P
   DROP-IN ISO-ATTENUATOR
PA0943DG-42H PDI-PA0943DG-42H Datasheet
96Kb / 1P
   DROP-IN ISO-ATTENUATOR
More results

Similar Description - PA0944

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
logo
MPS Industries, Inc.
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
logo
Pulse A Technitrol Comp...
PH08XXCNL PULSE-PH08XXCNL Datasheet
691Kb / 3P
   HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
logo
MPS Industries, Inc.
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com