Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F423GAPFV Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F423GAPFV
Description  16-Bit Original Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F423GAPFV Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F423GAPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F423GAPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
MB90420G/5G (A) Series
2
• Clock timer (main clock)
Operates directly from oscillator clock.
Compensates for oscillator deviation
Read/write enabled second/minute/hour register
Signal interrupt
• 16-bit PPG (3 channels)
Output pins (3) , external trigger input pin (1)
Output clock frequencies : fCP, fCP/22, fCP/24, fCP/26
• Delay interrupt
Generates interrupt for task switching.
Interruptions to CPU can be generated/deleted by software setting.
• External interrupts (8 channels)
8-channel independent operation
Interrupt source setting available : “L” to “H” edge/ “H” to “L” edge/ “L” level/ “H” level.
• A/D converter
10-bit or 8-bit resolution
× 8 channels (input multiplexed)
Conversion time : 6.13
µs or less (at fCP = 16 MHz)
External trigger startup available (P50/INT0/ADTG)
Internal timer startup available (16-bit reload timer 1)
• UART (2 channels)
Full duplex double buffer type
Supports asynchronous/synchronous transfer (with start/stop bits)
Internal timer can be selected as clock (16-bit reload timer 0)
Asynchronous : 4808 bps, 5208 bps, 9615 bps, 10417 bps, 19230 bps, 38460 bps, 62500 bps, 500000 bps
Synchronous : 500 Kbps, 1Mbps, 2Mbps (at fCP
= 16 MHz)
• CAN interface *1
Conforms to CAN specifications version 2.0 Part A and B.
Automatic resend in case of error.
Automatic transfer in response to remote frame.
16 prioritized message buffers for data and messages for data and ID
Multiple message support
Receiving filter has flexible configuration : All bit compare/all bit mask/two partial bit masks
Supports up to 1 Mbps
CAN WAKEUP function (connects RX internally to INT0)
• LCD controller/driver (1 channel)
Segment driver and command driver with direct LCD panel (display) drive capability
• Low voltage/Program Looping detect reset *2
Automatic reset when low voltage is detected
Program Looping detection function
• Stepping motor controller (4 channels)
High current output for all channels
× 4
Synchronized 8/10-bit PWM for all channels
× 2
• Sound generator
8-bit PWM signal mixed with tone frequency from 8-bit reload counter.
PWM frequencies : 62.5 kHz, 31.2 kHz, 15.6 kHz, 7.8 kHz (at fCP
= 16MHz)
Tone frequencies : 1/2 PWM frequency, divided by (reload frequency
+1)
(Continued)


Similar Part No. - MB90F423GAPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F423GAPFV FUJITSU-MB90F423GAPFV Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
More results

Similar Description - MB90F423GAPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_08 Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com