Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3406UALXX Datasheet(PDF) 4 Page - Littelfuse

Part # P3406UALXX
Description  SIDACtor Balanced Multiport Series - MS-013
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3406UALXX Datasheet(HTML) 4 Page - Littelfuse

  P3406UALXX Datasheet HTML 1Page - Littelfuse P3406UALXX Datasheet HTML 2Page - Littelfuse P3406UALXX Datasheet HTML 3Page - Littelfuse P3406UALXX Datasheet HTML 4Page - Littelfuse P3406UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
156
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Part Numbering
A xxxxU x 6 L xx
TYPE
MEDIAN VOLTAGE
PACKAGETYPE
IPP RATING
RoHS COMPLIANT
CONSTRUCTION VARIABLE
PACKING OPTIONS
RP: Reel Pack
TP: Tube Pack
A: Asymmetrical
SIDACtor
P xxx 6 U x L xx
TYPE
P: SIDACtor
MEDIAN VOLTAGE
CONSTRUCTION
VARIABLE
PACKAGETYPE
IPP RATING
RoHS COMPLIANT
PACKING OPTIONS
RP: Reel Pack
TP: Tube Pack
Part Marking
XXXXXXX
XXXXX
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date Code
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C


Similar Part No. - P3406UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3406UALXX LITTELFUSE-P3406UALXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P3406UALxx LITTELFUSE-P3406UALxx Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results

Similar Description - P3406UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UC6LRP LITTELFUSE-A2106UC6LRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com