Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90V590ACR Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90V590ACR
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V590ACR Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90V590ACR Datasheet HTML 1Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 2Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 3Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 4Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 5Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 6Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 7Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 8Page - Fujitsu Component Limited. MB90V590ACR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MB90590/590G Series
5
(Continued)
*1: It is setting of DIP switch S2 when Emulation pod (MB2145-507) is used.
Please refer to the MB2145-507 hardware manual (2.7 Emulator-specific Power Pin) about details.
*2: Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
Features
MB90591/594/594G
MB90F591A/F594A/F594G
MB90V590A/V590G
CAN Interface
Number of channels: 2
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering:
Full bit compare / Full bit mask / Two partial bit masks
Supports up to 1Mbps
CAN bit timing setting:
MB90xxx:TSEG2
RSJW+2TQ
MB90xxxG:TSEG2
RSJW
Stepping motor controller
(4 channels)
Four high current outputs for each channel
Synchronized two 8-bit PWM’s for each channel
External interrupt circuit
Number of inputs: 8
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
Sound generator
8-bit PWM signal is mixed with tone frequency from 8-bit reload counter
PWM frequency: 62.5K, 31.2K, 15.6K, 7.8KHz (at System clock = 16MHz)
Tone frequency: PWM frequency / 2 / (reload value + 1)
Extended I/O serial
interface
Clock synchronized transmission (31.25K/62.5K/125K/500K/1Mbps at machine clock
frequency of 16 MHz)
LSB first/MSB first
Clock timer
Directly operates with the system clock
Read/Write accessible Second/Minute/Hour registers
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(at oscillation of 4 MHz, minimum value)
Flash Memory
Supports automatic programming, Embedded Algorithm TM and
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Hard-wired reset vector available in order to point to a fixed boot sector in Flash
Memory
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Writer from Minato Electronics Inc.
Low-power consumption
(stand-by) mode
Sleep/stop/CPU intermittent operation/clock timer/hardware stand-by
Process
CMOS
Power supply voltage for
operation*2
5 V
±10 % (MB90V590A, MB90F594A, MB90594, MB90V590G,
MB90F594G, MB90594G)
5 V
±5 % (MB90F591A, MB90591)
Package
QFP-100
PGA-256


Similar Part No. - MB90V590ACR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V590ACR FUJITSU-MB90V590ACR Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V590ACR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com