Electronic Components Datasheet Search |
|
MB90F549PF Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MB90F549PF Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 56 page MB90540/545 Series 10 53 to 58 P70 to P75 D General I/O ports. This function is always enabled. IN0 to IN5 Data sample input pins for input captures ICU0 to ICU5. While the ICU is for input, the input of the pin is used as required. Except when the function is intentionally used, output from the other functions must be stopped. 59 to 60 P76 to P77 D General I/O ports. This function is enabled when the OCU disables the waveform output. OUT2 to OUT3 Waveform output pins for output compares OCU2 and OCU3. This function is enabled when the OCU enables the waveform output. IN6 to IN7 Data sample input pin for input captures ICU6 and ICU7. While the ICU is for input, the input of the pin is used as required. Except when the function is intentionally used, output from the other functions must be stopped. 61 to 64 P80 to P83 D General I/O ports. This function is enabled when 8/16-bit PPG dis- ables the waveform output. PPG0 to PPG3 Output pins for 8/16-bit PPGs. This function is enabled when 8/16- bit PPG enables the waveform output. 65 to 66 P84 to P85 D General I/O ports. This function is enabled when the OCU disables the waveform output. OUT0 to OUT1 Waveform output pins for output compares OCU0 and OCU1. This function is enabled when the OCU enables the waveform output. 67 P86 D General I/O port. This function is always enabled. TIN1 Event input pin for the 16-bit reload timers 1. While the 16-bit reload timer is operating as an input, the input of the pin is used as re- quired. Except when the function is intentionally used, output from the other functions must be stopped. 68 P87 D General I/O port. This function is enabled when the 16-bit reload timers 0 disables the output. TOT1 Output pin for the 16-bit reload timers 1 This function is enabled when the 16-bit reload timers 1 enables the output. 69 to 72 P90 to P93 D General I/O port. This function is always enabled. INT0 to INT3 External interrupt request input pins for INT0 to INT3. While external interrupt is allowed, the input of the pin is used as required. Except when the function is intentionally used, output from the other func- tions must be stopped. 73 P94 D General I/O port. This function is enabled when CAN0 disables the output. TX0 TX Output pin for CAN0. This function is enabled when CAN0 en- ables the output. 74 P95 D General I/O port. This function is always enabled. RX0 RX input pin for CAN0 Interface. When the CAN function is used, output from the other functions must be stopped. No. Pin name Circuit type Function (Continued) |
Similar Part No. - MB90F549PF |
|
Similar Description - MB90F549PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |