Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90583CPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90583CPF
Description  16-bit Proprietary Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90583CPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90583CPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90583CPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
MB90580C Series
2
(Continued)
• Instruction set optimized for controller applications
Supported data types: bit, byte, word, and long-word types
Standard addressing modes: 23 types
32-bit accumulator enhancing high-precision operations
Signed multiplication/division and extended RETI instructions
• Enhanced high level language (C) and multitasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed: 4 byte instruction queue
• Enhanced interrupt function
Up to eight priority levels programmable
External interrupt inputs: 8 lines
• Automatic data transmission function independent of CPU operation
Up to 16 channels for the extended intelligent I/O service
DTP request inputs: 8 lines
• Internal ROM
FLASH: 128 Kbyte
MASKROM: 128 Kbyte (MB90583C/CA) , 64 Kbyte (MB90587C/CA)
• Internal RAM
FLASH: 6 Kbyte
MASKROM: 6 Kbyte (MB90583C/CA) , 4 Kbyte (MB90587C/CA)
• General-purpose ports
Up to 77 channels (Input pull-up resistor settable for: 22 channels. Output open drain settable for: 8 channels)
•IEBusTM controller*
Three different data transfer rates selectable
Mode 0: 3.9 Kbps (16 bytes/frame)
Mode 1: 17.0 Kbps (32 bytes/frame)
Mode 2: 26.0 Kbps (128 bytes/frame)
*: IEBusTM is a trademark of NEC Corporation.
• A/D Converter (RC) : 8 ch
8/10-bit resolution
Conversion time: 34.7
µs (Min.) , 12 MHz operation
• D/A Converter: 2 ch
8-bit resolutions
Setup time: 12.5
µs
•UART : 5 ch
• 8/16 bit PPG : 1 ch
8 bits
× 2 channels: 16 bits × 1 channel: Mode switching function provided
• 16 bit reload timer: 3 ch
• 16-bit PWC timer: 1 channel
Noise filter provided. Available to pulse width counter
• 16 bit I/O timer
Input capture : 4 ch
Output compare : 2 ch
Free run timer: 1 ch
• Internal clock generator
• Time-base counter/watchdog timer: 18-bit
(Continued)


Similar Part No. - MB90583CPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90583CPF FUJITSU-MB90583CPF Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CPF FUJITSU-MB90583CPF Datasheet
614Kb / 112P
   16-bit Proprietary Microcontroller
MB90583CPFV FUJITSU-MB90583CPFV Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90583CPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com