Electronic Components Datasheet Search |
|
MB90F574APFV Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90F574APFV Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 135 page 11 MB90570 Series Pin no. Pin name Circuit type Function LQFP-120 *1 QFP-120 *2 29 to 32 P64 to P67 F In single chip mode these are general-purpose I/O ports. When set for input they can be set by the pull-up resistance register (RDR6). When set for output this setting will be invalid. OUT0 to OUT3 These are also the output compare ch.0 to ch.3 event output pins. This function is valid when the respective channel(s) are enabled for output. 35 to 37 P70 to P72 E These are general purpose I/O ports. 40,41 P73,P74 I These are general purpose I/O ports. DA0,DA1 These are also the D/A converter ch.0,1 analog signal output pins. 46 to 53 P80 to P87 K These are general purpose I/O ports. AN0 to AN7 These are also A/D converter analog input pins. This function is valid when analog input is enabled. 55 to 62 P90 to P97 E These are general purpose I/O ports. CS0 to CS7 These are also chip select signal output pins. This function is valid when chip select signal output is enabled. 34 C G This is the power supply stabilization capacitor pin. It should be connected externally to an 0.1 µF ceramic capacitor. Note that this is not required on the FLASH model (MB90F574/A) and MB90574C. 64 PA0 E This is a general purpose I/O port. AIN0 This pin is also used as count clock A input for 8/16-bit up-down counter ch.0. IRQ6 This pin can also be used as interrupt request input ch. 6. 65 PA1 E This is a general purpose I/O port. BIN0 This pin is also used as count clock B input for 8/16-bit up-down counter ch.0. 66 PA2 E This is a general purpose I/O port. ZIN0 This pin is also used as count clock Z input for 8/16-bit up-down counter ch.0. 67 PA3 E This is a general purpose I/O port. AIN1 This pin is also used as count clock A input for 8/16-bit up-down counter ch.1. IRQ7 This pin can also be used as interrupt request input ch.7. 68 PA4 E This is a general purpose I/O port. BIN1 This pin is also used as count clock B input for 8/16-bit up-down counter ch.1. 69 PA5 E This is a general purpose I/O port. ZIN1 This pin is also used as count clock Z input for 8/16-bit up-down counter ch.1. *1: FPT-120P-M05 *2: FPT-120P-M13,FPT-120P-M21 (Continued) |
Similar Part No. - MB90F574APFV |
|
Similar Description - MB90F574APFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |