Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

336510 Datasheet(PDF) 3 Page - 3M Electronics

Part # 336510
Description  3M Round Conductor Flat Cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

336510 Datasheet(HTML) 3 Page - 3M Electronics

  336510 Datasheet HTML 1Page - 3M Electronics 336510 Datasheet HTML 2Page - 3M Electronics 336510 Datasheet HTML 3Page - 3M Electronics 336510 Datasheet HTML 4Page - 3M Electronics 336510 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Regulatory Information Appendix
3M Electronic Solutions Division/Interconnect
EUROPE
Appendix E1: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product is RoHS Compliant 2005/95/EC.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E2: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is
compliant by exemption under EU Commission Decision 2005/747/EC.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E3: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment as
amended by Commission Decision 2005/618/EC.
This product contains lead in the solder tail area in excess of the maximum concentration value allowed.
Unless otherwise stated by 3M in writing, this information represents 3M’s best knowledge and belief based upon information
provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix E4: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC, as amended by EU Commission Decision 2005/717/EC, as amended by
EU Court of Justice Decision 2008/C 116/04
This product contains decaBDE in the insulating material in excess of the maximum concentration allowed for finished
products subject to EU RoHS that are placed on the EU market after June 30, 2008.
Unless otherwise stated by 3M in writing, this information represents 3M’s best knowledge and belief based upon information
provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
RIA-2217B-E


Similar Part No. - 336510

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3365 3M-3365 Datasheet
1Mb / 5P
   3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
3365 3M-3365 Datasheet
1Mb / 5P
   3M??Round Conductor Flat Cable
logo
List of Unclassifed Man...
3365 ETC2-3365 Datasheet
68Kb / 1P
   WASHERS
3365 ETC-3365 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3365 HEYCO-3365 Datasheet
84Kb / 1P
   Nylon Cable Clamps
More results

Similar Description - 336510

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
   3M??Round Conductor Flat Cable
HF625 3M-HF625 Datasheet
917Kb / 3P
   3M??Round Conductor Flat Cable
3625 3M-3625 Datasheet
830Kb / 6P
   3M??Round Conductor Flat Cable
3609 3M-3609 Datasheet
1Mb / 5P
   3M??Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
   3M??Round Conductor Flat Cable
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
   3M??Round Conductor Flat Cable for Link Connector
3754 3M-3754 Datasheet
661Kb / 3P
   Round Conductor Flat Cable
3365 3M-3365 Datasheet
1Mb / 5P
   3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
3609 3M-3609_V01 Datasheet
848Kb / 3P
   3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
   3M Round, Jacketed, Flat Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com