Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224904 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 224904
Description  CCCS M12, 4pin / pigtail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

224904 Datasheet(HTML) 1 Page - ERNI Electronics

  224904 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75 ±25 2,95 ±1,00
5
3
2
4
1
Ansicht: Steckgesicht; Kontaktbelegung /
View: mating face; pin assignment
4
Litze braun (+)
flexible conductor brown (+)
Litze weiss (Ö)
flexible conductor white (O)
Litze schwarz (S)
flexible conductor black (S)
Litze blau (-)
flexible conductor blue (-)
1
2
3
Production date
e.g.: KW42 2006
ERNI Art.-Nr.
Part No.
See table A
0,79
20
38 1,51
Kennzeichnungsträger
label holder
mm [393,70
Kabelaufdruck (Bsp.)
in]
Cable imprint (e.g.)
[in]
+4
ERNI XXXXXX PUR 4x0.34 422006
146 g
Artikel-Nr.
Part No.
Leitungslänge (A)
Cable length (A)
Kupfer-
gewicht
Copper
weight
Kabelmantel
Jacket
material
Außendurchmesser
Jacket diameter
Aderisolation
Wire isolation
Zul. Temp.-Bereich
für Kabel
Permissable temp.
for cable
1.500 +100 mm [59.05 +4 in]
23 g
PUR
(UL/CSA
4,7 mm 5%
[0.185 in 5%]
PP
-25... +80 °C
223784
3.000 +100 mm [118.11 +4 in]
45 g
5.000 +100 mm [196.85 +4 in]
74 g
7.500 +100 mm [295.28 +4 in]
109 g
10.000 +100 mm [393,70 +4 in]
146 g
1.500 +100 mm [59.05 +4 in]
23 g
PVC
5,2 mm 5%
[0.205 in 5%]
PVC
-5... +70 °C
223866
2.000+100 mm [78.74 +4 in]
31 g
223783
3.000 +100 mm [118.11 +4 in]
45g
5.000 +100 mm [196.85 +4 in]
74 g
7.500 +100 mm [295.28 +4 in]
109 g
10.000 +100
Index
Date
A
28.08.2007
STROMLAUFPLAN /
Schematic diagram
TECHNISCHE SKIZZE /
Technical sketch
BAUTEILE / FERTIGUNGSHINWEISE
Piece parts / Manufacturing notices
- Kabelaufdruck mittels Tintenstrahldrucker entspr. Techn. Skizze
Cable imprint with ink-jet printer see technical sketch
- Gute Chemikalien- und Ölbeständigkeit (Ölbeständigkeit gilt nicht für den
Einsatz mit PVC-Kabel). Beim Einsatz aggressiver Medien ist die
Materialbeständigkeit applikationsbezogen zu überprüfen.
Good chemical and oil resistance (parts with PVC-cable are not restistant).
When using agressive media, material resistance based on application
must be checked.
prior notice.
contact one of the ERNI companies
A-coding
224904
CCCS
CCCS M12, 4pin / pigtail
1:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
www.ERNI.com
Subject to modification without
A3
Designation
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
I
SPECIFICATIONS Circular Connector
T e chni cal Sp e ci fi cati o ns
Stand ard ap pli c.
Value
Ele ctri cal Data
Stand ard app li c.
Value
Housing:
Rated (nominal) voltage; max.
IEC 61-076-2-101
250 V AC/DC
Rated current; per contact, max. IEC 61-076-2-101
4 A
Pin assignment:
4 pin
Rated impulse voltage
IEC 61-076-2-101
2,5 kV
Coding:
A-coding
Connection:
Ap pro vals
Protection class
LED:
-
(mated and locked) IEC 60529
IP67
Packaging:
1 piece per bag
Pollution degree
3
Insulation category
IEC 60664-1
I
Mate ri als & Fi ni sh
RoHS compliant
Yes
Contact material:
a) male
Standard description
-
b) female
Standard description CuNi2Si HV160U
Contact finish, mating zone:
a) male
Thickness of plating
-
b) female
Thickness of plating 0,8 µm Au (partial)
Screw material:
Standard description Zinc pressure die casting
Screw plating:
Standard description Ni 4-6 µm
Cab le (ad d i ti onal i nfo see tab le)
Jacket color
black
Conductor cross-section
4 x 0,34 mm
2
Bending radius min.
10 x jacket diameter
Screw locking
M12x1mm (0,6 Nm)
M12 female, straight, black -
open end of line


Similar Part No. - 224904

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224902 ERNI-224902 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224903 ERNI-224903 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224905 ERNI-224905 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
224906 ERNI-224906 Datasheet
37Kb / 1P
   CCCS M12, 4pin / pigtail
More results

Similar Description - 224904

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224905 ERNI-224905 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
224906 ERNI-224906 Datasheet
37Kb / 1P
   CCCS M12, 4pin / pigtail
224902 ERNI-224902 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224903 ERNI-224903 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224908 ERNI-224908 Datasheet
41Kb / 1P
   CCCS M12, 4pin / M12, 4pin
324089 ERNI-324089 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
324088 ERNI-324088 Datasheet
36Kb / 1P
   CCCS M12, 4pin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com