Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F543 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F543
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F543 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F543 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 12Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 13Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 14Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MB90540/545 Series
11
75
P96
D
General I/O port. This function is enabled when CAN1 disables the
output.
TX1
TX Output pin for CAN1. This function is enabled when CAN1 en-
ables the output (only MB90540 series).
76
P97
D
General I/O port. This function is always enabled.
RX1
RX input pin for CAN1 Interface. When the CAN function is used,
output from the other functions must be stopped (only MB90540 se-
ries).
78
PA0
D
General I/O port. This function is always enabled.
34
AVCC
Power supply
Power supply for the A/D Converter. This power supply must be
turned on or off while a voltage higher than or equal to AVcc is ap-
plied to Vcc.
37
AVSS
Power supply Power supply for the A/D Converter.
35
AVRH
Power supply
External reference voltage input for the A/D Converter. This power
supply must be turned on or off while a voltage higher than or equal
to AVRH is applied to AVcc.
36
AVRL
Power supply External reference voltage input for the A/D Converter.
49
50
MD0
MD1
C
Input pins for specifying the operating mode. The pins must be di-
rectly connected to Vcc or Vss.
51
MD2
F
Input pin for specifying the operating mode. The pin must be directly
connected to Vcc or Vss.
27
C
This is the power supply stabilization capacitor pin. It should be con-
nected externally to an 0.1
µF ceramic capacitor.
23, 84
VCC
Power supply Input pin for power supply (5.0 V) .
11, 42, 81
VSS
Power supply Input pin for power supply (0.0 V) .
No.
Pin name
Circuit type
Function
(Continued)


Similar Part No. - MB90F543

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F543 FUJITSU-MB90F543 Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
MB90F543G FUJITSU-MB90F543G Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F543GPF FUJITSU-MB90F543GPF Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F543GPF CYPRESS-MB90F543GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90F543

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com