Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F543 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F543
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F543 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F543 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F543 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MB90540/545 Series
8
14
P34
I
General I/O port with programmable pullup. This function is enabled
in the single-chip mode or when the hold function is disabled.
HRQ
Hold request input pin. This function is enabled when both the exter-
nal bus and the hold functions are enabled.
15
P35
I
General I/O port with programmable pullup. This function is enabled
in the single-chip mode or when the hold function is disabled.
HAK
Hold acknowledge output pin. This function is enabled when both
the external bus and the hold functions are enabled.
16
P36
I
General I/O port with programmable pullup. This function is enabled
in the single-chip mode or when the external ready function is dis-
abled.
RDY
Ready input pin. This function is enabled when both the external bus
and the external ready functions are enabled.
17
P37
H
General I/O port with programmable pullup. This function is enabled
in the single-chip mode or when the clock output is disabled.
CLK
CLK output pin. This function is enabled when both the external bus
and CLK outputs are enabled.
18
P40
G
General I/O port. This function is enabled when UART0 disables the
serial data output.
SOT0
Serial data output pin for UART0. This function is enabled when
UART0 enables the serial data output.
19
P41
G
General I/O port. This function is enabled when UART0 disables
clock output.
SCK0
Clock I/O pin for UART0. This function is enabled when UART0 en-
ables the clock output.
20
P42
G
General I/O port. This function is always enabled.
SIN0
Serial data input pin for UART0. While UART0 is operating for input,
the input of the pin is used as required. Except when the function is
intentionally used, output from the other functions must be stopped.
21
P43
G
General I/O port. This function is always enabled.
SIN1
Serial data input pin for UART1. While UART1 is operating for input,
the input of the pin is used as required. Except when the function is
intentionally used, output from the other functions must be stopped.
22
P44
G
General I/O port. This function is enabled when UART1 disables the
clock output.
SCK1
Clock pulse input/output pin for UART1. This function is enabled
when UART1 enables the clock output.
24
P45
G
General I/O port. This function is enabled when UART1 disables the
serial data output.
SOT1
Serial data output pin for UART1. This function is enabled when
UART1 enables the serial data output.
No.
Pin name
Circuit type
Function
(Continued)


Similar Part No. - MB90F543

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F543 FUJITSU-MB90F543 Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
MB90F543G FUJITSU-MB90F543G Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F543GPF FUJITSU-MB90F543GPF Datasheet
746Kb / 67P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F543GPF CYPRESS-MB90F543GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90F543

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com