Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90673 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90673
Description  16-bit Proprietary Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90673 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90673 Datasheet HTML 3Page - Fujitsu Component Limited. MB90673 Datasheet HTML 4Page - Fujitsu Component Limited. MB90673 Datasheet HTML 5Page - Fujitsu Component Limited. MB90673 Datasheet HTML 6Page - Fujitsu Component Limited. MB90673 Datasheet HTML 7Page - Fujitsu Component Limited. MB90673 Datasheet HTML 8Page - Fujitsu Component Limited. MB90673 Datasheet HTML 9Page - Fujitsu Component Limited. MB90673 Datasheet HTML 10Page - Fujitsu Component Limited. MB90673 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
7
MB90670/675 Series
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”) Assurance
for the MB90V670 is given only for operation with a tool at a power voltage of 2.7 V to 5.5 V, an operating
temperature of 0
°C to 70°C, and an operating frequency of 1.5 MHz to 16 MHz.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB90677
MB90678
MB90T678
MB90P678
MB90V670
Input capture (ICU)
Number of channels: 4
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external
interrupt circuit
Number of inputs: 4
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
External interrupt circuit or extended intelligent I/O service (EI2OS) can be used.
Wake-up interrupt
Number of inputs: 8
Started by an “L” level input.
Delayed interrupt
generation module
An interrupt generation module for switching tasks used in real-time operating systems.
I2C interface
Serial I/O port for supporting Inter IC BUS
Timebase timer
18-bit counter
Interrupt interval: 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms
(at oscillation of 4 MHz)
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(at oscillation of 4 MHz, minimum value)
Low-power
consumption
(stand-by) mode
Sleep/stop/CPU intermittent operation/timebase timer/hardware stand-by
Process
CMOS
Power supply
voltage for
operation*
2.7 V to 5.5 V
Package
MB90671
MB90672
MB90673
MB90T673
MB90P673
MB90676
MB90677
MB90678
MB90T678
MB90P678
MB90V670
FPT-80P-M05
×××
FPT-80P-M06
×××
FPT-100P-M05
××
×
FPT-100P-M06
××
×
MB90676
Item
Part number


Similar Part No. - MB90673

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90673 FUJITSU-MB90673 Datasheet
1Mb / 106P
   16-Bit Proprietary Microcontroller
MB90673PF FUJITSU-MB90673PF Datasheet
1Mb / 106P
   16-Bit Proprietary Microcontroller
MB90673PFV FUJITSU-MB90673PFV Datasheet
1Mb / 106P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90673

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com