Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSP13 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSP13
Description  Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSP13 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSP13 Datasheet HTML 1Page - Fairchild Semiconductor KSP13 Datasheet HTML 2Page - Fairchild Semiconductor KSP13 Datasheet HTML 3Page - Fairchild Semiconductor KSP13 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCES
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCES
Collector-Emitter Breakdown Voltage
IC=100µA, IB=0
30
V
ICBO
Collector Cut-off Current
VCB=30V, IE=0
100
nA
IEBO
Emitter Cut-off Current
VEB=10V, IC=0
100
nA
hFE
* DC Current Gain
: KSP13
: KSP14
: KSP13
: KSP14
VCE=5V, IC=10mA
VCE=5V, IC=100mA
5K
10K
10K
20K
VCE (sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB=0.1mA
1.5
V
VBE (on)
Base-Emitter On Voltage
VCE=5V, IC=100mA
2.0
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA
f=100MHz
125
MHz
KSP13/14
Darlington Transistor
• Collector-Emitter Voltage: VCES=30V
• Collector Power Dissipation: PC (max)=625mW
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSP13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP13 FAIRCHILD-KSP13 Datasheet
33Kb / 4P
   Darlington Transistor
KSP13 FAIRCHILD-KSP13 Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
KSP13 FAIRCHILD-KSP13 Datasheet
39Kb / 4P
   Darlington Transistor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
KSP13TF FAIRCHILD-KSP13TF Datasheet
39Kb / 4P
   Darlington Transistor
More results

Similar Description - KSP13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com