Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWJ-40A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWJ-40A
Description  FWJ 1000V 35-2000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWJ-40A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWJ-40A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWJ-40A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No. FWJ 1000
Page 1 of 2
BIF Doc #720027
Bussmann®
FWJ 1000V
35-2000A
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2 Sec)
Carton
Current
Clearing
Watts
Part
Carton
Weight
Figure
Type
RMS-Amps
Pre-arc
at 1000V
Loss
Number
Qty.
(lbs)
Number
BIF #
35
210
2000
7
FWJ-35A
__________________________________________________________________________
40
300
2500
8
FWJ-40A
__________________________________________________________________________
50
470
3500
10
FWJ-50A
__________________________________________________________________________
60
670
5000
11
FWJ-60A
__________________________________________________________________________
70
1100
6900
12
FWJ-70A
10
4.18
__________________________________________________________________________
80
1550
9700
13
FWJ-80A
__________________________________________________________________________
90
1900
12000
14
FWJ-90A
__________________________________________________________________________
100
2800
17500
15
FWJ-100A
35785303
_________________________________________________________________________________________________
125
4800
35000
16
FWJ-125A
__________________________________________________________________________
150
6300
45000
25
FWJ-150A
__________________________________________________________________________
175
7500
65000
30
FWJ-175A
4.40
__________________________________________________________________________
FWJ
200
11700
80000
32
FWJ-200A
__________________________________________________________________________
___________
1000V
250
16000
112000
50
FWJ-250A
Fig. 1
__________________________________________________________________________
300
23500
164000
56
FWJ-300A
__________________________________________________________________________
350
33000
231000
62
FWJ-350A
4.84
__________________________________________________________________________
400
47000
330000
67
FWJ-400A
__________________________________________________________________________
500
39500
329000
95
FWJ-500A
1
__________________________________________________________________________
600
61000
520000
105
FWJ-600A
__________________________________________________________________________
___________
800
87000
500000
182
FWJ-800A
__________________________________________________________________________
1000
190000
1100000
206
FWJ-1000A
__________________________________________________________________________
1200
370000
2100000
240
FWJ-1200A
__________________________________________________________________________
1400
470000
2700000
248
FWJ-1400A
5.28
35785309
__________________________________________________________________________
1600
700000
4000000
267
FWJ-1600A
__________________________________________________________________________
1800
925000
5300000
239
FWJ-1800A
__________________________________________________________________________
2000
1330000
7600000
244
FWJ-2000A
†U.L. Recognition on 35 through 600 amperes only.
1 kg = 2.2 lbs
1 lb = 0.45 kg
Interrupting rating 25kA for 35 through 200 amperes.
Interrupting rating 100kA for 250 through 2000 amperes.
Watts loss provided at rated current.
(800 Vdc/Interrupting rating 50kA) U.L. Recognition on 35-200 and 450-600 amperes.
7-11-01
SB01191
®


Similar Part No. - FWJ-40A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FWJ-04-04-T-S SAMTEC-FWJ-04-04-T-S Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
FWJ-05-02-T-S-RA SAMTEC-FWJ-05-02-T-S-RA Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
FWJ-08-01-T-S SAMTEC-FWJ-08-01-T-S Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
logo
Cooper Bussmann, Inc.
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
1Mb / 21P
   Ferrule fuses
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
34Kb / 2P
   20-30A, 1000 Volts
More results

Similar Description - FWJ-40A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AF2320G18ST SCHNEIDER-AF2320G18ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 2000A, INDOOR
logo
Extech Instruments Corp...
380926 EXTECH-380926 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
logo
Schneider Electric
CF2320G18ST SCHNEIDER-CF2320G18ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 2000A, INDOOR
CF2520G10ST SCHNEIDER-CF2520G10ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
CF2520G6ST SCHNEIDER-CF2520G6ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 6 FT 2000A
AF2520G10ST SCHNEIDER-AF2520G10ST Datasheet
78Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
AF2320G6ST SCHNEIDER-AF2320G6ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 6FT 2000A INDOOR
AF2320G10ST SCHNEIDER-AF2320G10ST Datasheet
78Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
logo
Extech Instruments Corp...
380905 EXTECH-380905 Datasheet
206Kb / 1P
   2000A AC/DC Clamp-on Adaptor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com