Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8285SLBTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A8285SLBTR-T
Description  LNB Supply and Control Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8285SLBTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A8285SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 8Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 9Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 10Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 11Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 12Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 13Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 14Page - Allegro MicroSystems A8285SLBTR-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LNB Supply and Control Voltage Regulator
A8285 and
A8287
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Bit 5 (ENB). When set to 1, enables the LNB output. When set to
0, the LNB output is disabled.
Bit 6 (ILIM). Selects the ILIM level. When set to 0, the lower limit
(typically 500 mA) is selected. When set to 1, the higher limit
(typically 700 mA), is selected.
Bit 7 (ENT). When set to 1, enables modulation of the LNB out-
put with the the internal 22 kHz tone. Since the I2C interface is
compatible with the 400 kHz transfer speed, this bit may be used
to encode DiSEqC™ 2.0 tone bursts for communication with the
LNB or switcher at the far end of the coaxial cable.
Status Register (I2C Read Register)
. The main fault condi-
tions: overcurrent, undervoltage, and overtemperature, are all
indicated by setting the relevant bit in the Status register. In
all fault cases, once the bit is set it is not reset until the A8285/
A8287 is read by the I2C master. The current status of the LNB
output is also indicated by DIS. DIS and PNG are the only bits
that may be reset without an I2C read sequence. The normal
sequence of the master in a fault condition is to detect the fault by
reading the Status register, then rereading the Status register until
the status bit is reset, indicating the fault condition has been reset.
The fault may be detected by: continuously polling, responding
to an interrupt request (IRQ), or detecting a fault condition exter-
nally and performing a diagnostic poll of all slave devices. Note
that the fully operational condition of the Status register is all 0s.
This simplifies checking of the status byte.
Bit 0 (TSD). A 1 indicates that the A8285/A8287 has detected an
overtemperature condition and has disabled the LNB output. DIS
is set and the A8285/A8287 does not re-enable the output until
so instructed by writing the relevant bit into the Control register.
The status of the overtemperature condition is sampled on the ris-
ing edge of the ninth clock pulse in the data read sequence. If the
condition is no longer present, then the TSD bit is reset, allowing
the master to re-enable the LNB output if required. If the condi-
tion is still present, then the TSD bit remains at 1.
Bit 1 (OCP) Overcurrent. If the A8285/A8287 detects an over-
current condition for greater than the detection time, and if ODT
is enabled, the LNB output is then disabled. Also, the OCP bit is
set to indicate that an overcurrent has occurred, and the DIS bit is
set. The Status register is updated on the rising edge of the ninth
clock pulse. The OCP bit is reset in all cases, allowing the master
to re-enable the LNB output. If the overcurrent timer is not
enabled, the A8285/A8287 operates in current limit indefinitely,
and the OCP bit is not set.
Bit 2 and 3. Reserved.
Bit 4 (PNG) Power Not Good. Set to 1 when the LNB output is
enabled and the LNB output volts are below 85% of the pro-
grammed LNB voltage. The PNG is reset when the LNB volts
are within 90% of the programmed LNB voltage.
Bit 5 (DIS) LNB output disabled. DIS is used to indicate the
current condition of the LNB output. At power-on, or if a fault
condition occurs, the disable bit is set. Having this bit change to
1 does not cause the IRQ to activate because the LNB output may
be disabled intentionally by the I2C master. This bit also is reset
at the end of a write sequence, if the LNB output is enabled.
Bit 6. Reserved.
Bit 7 (VUV) Undervoltage lockout. Set to 1 to indicate that the
A8285/A8287 has detected that the input supply VIN is, or has
been, below the minimum level and that an undervoltage lockout
has occurred, which has disabled the LNB output. Bit 5 also is
set, and the A8285/A8287 does not re-enable the output until so
instructed (by having the relevant bit written into the Control reg-
ister). The status of the undervoltage condition is sampled on the
rising edge of the ninth clock pulse in the data read sequence. If
the condition is no longer present, the VUV bit is reset, allowing
the master to re-enable the LNB output if required. If the condi-
tion is still present, the VUV bit remains set to 1.
Bit
Name
Function
0
VSEL0
See Output Voltage Amplitude
Selection Table
1
VSEL1
2
VSEL2
3
VSEL3
0: LNBx = Low range
1: LNBx = High range
4
ODT
0: Overcurrent disable time off
1: Overcurrent disable time on
5
ENB
0: Disable LNB Output
1: Enable LNB Output
6
ILIM
0: Overcurrent Limit = 500mA
1: Overcurrent Limit = 700mA
7
ENT
0: Disable Tone
1: Enable 22KHz internal tone
Control (Write) Register Table


Similar Part No. - A8285SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285SLB ALLEGRO-A8285SLB Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
More results

Similar Description - A8285SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com