Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90574PFV Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90574PFV
Description  16-bit Proprietary Microcontroller
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90574PFV Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90574PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90574PFV Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
10
MB90570 Series
Pin no.
Pin name
Circuit type
Function
LQFP-120 *1
QFP-120 *2
18
P51
E
In single chip mode this is a general-purpose I/O port.
SOT2
This is also the I/O serial ch.0 data output pin. This function is valid when
serial ch.0 is enabled for serial data output.
19
P52
E
In single chip mode this is a general-purpose I/O port.
SCK2
This is also the I/O serial ch.0 clock I/O pin. This function is valid when
serial ch.0 is enabled for serial data output.
20
P53
E
In single chip mode this is a general-purpose I/O port.
SIN3
This is also the I/O serial ch.1 data input pin. During serial data input, this
input signal is in continuous use, and therefore the output function should
only be used when needed.
21
P54
E
In single chip mode this is a general-purpose I/O port.
SOT3
This is also the I/O serial ch.1 data output pin. This function is valid when
serial ch.1 is enabled for serial data output.
22
P55
E
In single chip mode this is a general-purpose I/O port.
SCK3
This is also the I/O serial ch.1 clock I/O pin. This function is valid when
serial ch.1 is enabled for serial data output.
23,24
P56,P57
E
In single chip mode this is a general-purpose I/O port.
IN0,IN1
These are also the input capture ch.0/1 trigger input pins. During input
capture signal input on ch.0/1 this function is in continuous use, and
therefore the output function should only be used when needed.
25
P60
F
In single chip mode this is a general-purpose I/O port. When set for input
it can be set by the pull-up resistance register (RDR6). When set for
output this setting will be invalid.
SIN4
This is also the I/O serial ch.2 data input pin. During serial data input this
function is in continuous use, and therefore the output function should
only be used when needed.
26
P61
F
In single chip mode this is a general-purpose I/O port. When set for input
it can be set by the pull-up resistance register (RDR6). When set for
output this setting will be invalid.
SOT4
This is also the I/O serial ch.2 data output pin. This function is valid when
serial ch.2 is enabled for serial data output.
27
P62
F
In single chip mode this is a general-purpose I/O port. When set for input
it can be set by the pull-up resistance register (RDR6). When set for
output this setting will be invalid.
SCK4
This is also the I/O serial ch.2 serial clock I/O pin. This function is valid
when serial ch.2 is enabled for serial data output.
28
P63
F
In single chip mode this is a general-purpose I/O port. When set for input
it can be set by the pull-up resistance register (RDR6). When set for
output this setting will be invalid.
CKOT
This is also the clock monitor output pin. This function is valid when clock
monitor output is enabled.
*1: FPT-120P-M05
*2: FPT-120P-M13,FPT-120P-M21
(Continued)


Similar Part No. - MB90574PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90574PFV FUJITSU-MB90574PFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90574PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com