Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90553BPF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90553BPF
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90553BPF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90553BPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 12Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 13Page - Fujitsu Component Limited. MB90553BPF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
MB90550A/550B Series
10
(Continued)
Pin no.
Pin name
Circuit type
Function
QFP
LQFP
29
27
P51
G
(NchOD/H)
N-channel open-drain I/O port.
SCL0
I2C interface clock I/O pin. This function is enabled with the
I2C interface enabled for operation.
While the I2C interface is operating, place the port output in
the Hi-Z state (PDR = 1).
SIN0
Extended I/O serial data input pin.
Since this input is used as required while the extended I/O
serial interface is operating for input, the output by any other
function must be off unless used intentionally.
30,32
28,30
P52,P54
G
(NchOD/H)
N-channel open-drain I/O ports.
SDA1,SDA2
I2C interface data I/O pins. This function is enabled with the
I2C interface enabled for operation.
While the I2C interface is operating, place the port output in
the Hi-Z state (PDR = 1).
31,33
29,31
P53,P55
G
(NchOD/H)
N-channel open-drain I/O ports.
SCL1,SCL2
I2C interface clock I/O pins. This function is enabled with the
I2C interface enabled for operation.
While the I2C interface is operating, place the port output in
the Hi-Z state (PDR = 1).
38 to 41,
43 to 46
36 to 39,
41 to 44
P60 to P67
H
(CMOS/H)
General-purpose I/O ports.
AN0 to AN7
A/D converter analog input pin. This function is enabled with
the analog input enabled.
47,48,
53 to 58
45,46,
51 to 56
P70 to P77
I
(CMOS/H)
General-purpose I/O ports.
IRQ0 to IRQ7
External interrupt request input pins.
Since this input is used as required while external interrupts
remain enabled, the output by any other function must be off
unless used intentionally.
59,60
57,58
P80,P81
J
(CMOS/H)
General-purpose I/O ports.
TIN0,TIN1
Reload timer event input pins.
Since this input is used as required while the reload timer is
operating for input, the output by any other function must be
off unless used intentionally.
61,62
59,60
P82,P83
J
(CMOS/H)
General-purpose I/O ports.
TOT0,TOT1
Reload timer output pins.This function is enabled with reroad
timer output enabled.
63 to 66 61 to 64
P84 to P87
J
(CMOS/H)
General-purpose I/O ports.
IN0 to IN3
Input capture trigger input pins.
Since this input is used as required while the input capture
unit is operating for input, the output by any other function
must be off unless used intentionally.
67,68
65,66
P90,P91
J
(CMOS/H)
General-purpose I/O ports.
OUT0,OUT1
Output compare event output pins.


Similar Part No. - MB90553BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90553BPF FUJITSU-MB90553BPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90553BPF FUJITSU-MB90553BPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90553BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com