Electronic Components Datasheet Search |
|
MB90F594G Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
MB90F594G Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 51 page DS07-13704-3E FUJITSU SEMICONDUCTOR DATA SHEET 16-bit Proprietary Microcontroller CMOS F2MC-16LX MB90590/590G Series MB90591/F591A/594/594G/F594A/F594G MB90V590A/V590G s s s s DESCRIPTION The MB90590/590G series with two FULL-CAN*1 interfaces and FLASH ROM is especially designed for auto- motive and industrial applications. Its main features are two on board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach. The instruction set of F2MC-16LX CPU core inherits an AT architecture of the F2MC*2 family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instruc- tions, and enhanced bit manipulation instructions. The microcontroller has a 32-bit accumulator for processing long word data. The MB90590/590G series has peripheral resources of 8/10-bit A/D converters, UART (SCI), extended I/O serial interface, 8/16-bit PPG timer, I/O timer (input capture (ICU), output compare (OCU)), stepping motor controller, and sound generator. *1: Controller Area Network (CAN) - License of Robert Bosch GmbH *2: F2MC stands for FUJITSU Flexible Microcontroller. s s s s FEATURES •Clock Embedded PLL clock multiplication circuit Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz). Minimum instruction execution time: 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock, VCC of 5.0 V) (Continued) s s s s PACKAGE 100-pin Plastic QFP (FPT-100P-M06) |
Similar Part No. - MB90F594G |
|
Similar Description - MB90F594G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |