Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F594A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F594A
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F594A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F594A Datasheet HTML 3Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 4Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 5Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 6Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 9Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 10Page - Fujitsu Component Limited. MB90F594A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
MB90590/590G Series
7
s
s
s
s PIN DESCRIPTION
(Continued)
No.
Pin name
Circuit type
Function
82
X0
A
Oscillator pin
83
X1
77
RST
B
Reset input
52
HST
C
Hardware standby input
85 to 90
P00 to P05
D
General purpose IO
IN0 to IN5
Inputs for the Input Captures
91 to 96
P06 to P07
P10 to P13
D
General purpose IO
OUT0 to OUT5
Outputs for the Output Compares.
To enable the signal outputs, the corresponding bits of the Port Direc-
tion registers should be set to “1”.
97
P14
D
General purpose IO
RX1
RX input for CAN Interface 1
98
P15
D
General purpose IO
TX1
TX output for CAN Interface 1.
To enable the signal output, the corresponding bit of the Port Direction
register should be set to “1”.
99
P16
D
General purpose IO
SGO
SGO output for the Sound Generator.
To enable the signal output, the corresponding bit of the Port Direction
register should be set to “1”.
100
P17
D
General purpose IO
SGA
SGA output for the Sound Generator.
To enable the signal output, the corresponding bit of the Port Direction
register should be set to “1”.
1 to 4
P20 to P23
D
General purpose IO
5 to 8
P24 to P27
D
General purpose IO
INT4 to INT7
External interrupt input for INT4 to INT7
9 to 10
P30 to P31
D
General purpose IO
12 to 13
P32 to P33
D
General purpose IO
14
P34
D
General purpose IO
SOT0
SOT output for UART 0.
To enable the signal output, the corresponding bit of the Port Direction
register should be set to “1”.
15
P35
D
General purpose IO
SCK0
SCK input/output for UART 0.
To enable the signal output, the corresponding bit of the Port Direction
register should be set to “1”.


Similar Part No. - MB90F594A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F594APF FUJITSU-MB90F594APF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F594A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com