Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F523 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F523
Description  16-bit Proprietary Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F523 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F523 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F523 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
DS07-13702-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90520 Series
MB90522/523/F523/V520
s DESCRIPTION
The MB90520 series is a general-purpose 16-bit microcontroller developed and designed by Fujitsu for process
control applications in consumer products that require high-speed real-time processing.
The instruction set of the F2MC-16LX CPU core inherits AT architecture of the F2MC* family with additional
instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division
instructions, and enhanced bit manipulation instructions. The microcontroller has a 32-bit accumulator for
processing long word data.
The MB90520 series has peripheral resources of 8/10-bit A/D converter, 8-bit D/A converter, UART (SCI),
extended I/O serial interfaces 0 and 1, 8/16-bit up/down counter/timers 0 and 1, 8/16-bit PPG timers 0 and 1,
I/O timer (16-bit free-run timers 1 and 2, input captures 0 and 1 (ICU), output compares 0 and 1 (OCU)), and
an LCD controller/driver.
*:F2MC stands for FUJITSU Flexible Microcontroller, a registered trademark of FUJITSU LIMITED.
s FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation
(at oscillation of 4 MHz, 4 MHz to 16 MHz).
The system can be operated by a sub-clock (rated at 32.768 kHz).
Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, four times the oscillation clock, operation
at VCC of 5.0 V)
(Continued)
s PACKAGES
120-pin Plastic LQFP
(FPT-120P-M05)
120-pin Plastic QFP
(FPT-120P-M13)


Similar Part No. - MB90F523

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F523B FUJITSU-MB90F523B Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523B FUJITSU-MB90F523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F523B FUJITSU-MB90F523B Datasheet
2Mb / 104P
   16-bit Microcontroller
MB90F523BPFF FUJITSU-MB90F523BPFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523BPFV FUJITSU-MB90F523BPFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F523

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com