Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F598 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F598
Description  16-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F598 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F598 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F598 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
MB90595/595G Series
5
(Continued)
*1: It is setting of DIP switch S2 when Emulation pod (MB2145-507) is used.
Please refer to the MB2145-507 hardware manual (2.7 Emulator-specific Power Pin) about details.
*2: Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
Features
MB90598
MB90F598/F598G
MB90V595/V595G
CAN Interface
Number of channels: 1
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering:
Full bit compare / Full bit mask / Two partial bit masks
Supports up to 1Mbps
CAN bit timing setting:
MB90xxx:TSEG2
RSJW+2TQ
MB90xxxG:TSEG2
RSJW
Stepping motor controller
(4 channels)
Four high current outputs for each channel
Synchronized two 8-bit PWM’s for each channel
External interrupt circuit
Number of inputs: 8
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
Serial IO
Clock synchronized transmission (31.25 K/62.5 K/125 K/500 K/1 Mbps at system clock
frequency of 16 MHz)
LSB first/MSB first
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(at oscillation of 4 MHz, minimum value)
Flash Memory
Supports automatic programming, Embedded Algorithm TM and
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Hard-wired reset vector available in order to point to a fixed boot sector in Flash
Memory
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Writer from Minato Electronics Inc.
Low-power consumption
(stand-by) mode
Sleep/stop/CPU intermittent operation/clock timer/hardware stand-by
Process
CMOS
Power supply voltage for
operation*2
+5 V±10 %
Package
QFP-100
PGA-256


Similar Part No. - MB90F598

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F598G FUJITSU-MB90F598G Datasheet
1Mb / 56P
   16-bit Proprietary Microcontroller
MB90F598GPF FUJITSU-MB90F598GPF Datasheet
613Kb / 52P
   16-bit Proprietary Microcontroller
MB90F598GPF FUJITSU-MB90F598GPF Datasheet
1Mb / 56P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F598GPF CYPRESS-MB90F598GPF Datasheet
518Kb / 52P
   CMOS 16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F598PF FUJITSU-MB90F598PF Datasheet
613Kb / 52P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F598

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com