Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5731 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5731
Description  MSP430FR573x Mixed-Signal Microcontrollers
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5731 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430FR5731 Datasheet HTML 7Page - Texas Instruments MSP430FR5731 Datasheet HTML 8Page - Texas Instruments MSP430FR5731 Datasheet HTML 9Page - Texas Instruments MSP430FR5731 Datasheet HTML 10Page - Texas Instruments MSP430FR5731 Datasheet HTML 11Page - Texas Instruments MSP430FR5731 Datasheet HTML 12Page - Texas Instruments MSP430FR5731 Datasheet HTML 13Page - Texas Instruments MSP430FR5731 Datasheet HTML 14Page - Texas Instruments MSP430FR5731 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
MSP430FR5739, MSP430FR5738, MSP430FR5737, MSP430FR5736, MSP430FR5735
MSP430FR5734, MSP430FR5733, MSP430FR5732, MSP430FR5731, MSP430FR5730
www.ti.com
SLAS639J – JULY 2011 – REVISED JUNE 2014
Table 4-1. Signal Descriptions (continued)
TERMINAL
NO.
I/O (1)
DESCRIPTION
NAME
RHA
RGE
DA
PW
YQD
General-purpose digital I/O with port interrupt and wake up from LPMx.5
P2.5/TB0.0/UCA1TXD/
TB0 CCR0 capture: CCI0A input, compare: Out0
17
N/A
19
15
N/A
I/O
UCA1SIMO
Transmit data – eUSCI_A1 UART mode, Slave in, master out – eUSCI_A1 SPI
mode (not available on devices without UCSI_A1)
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB1 CCR0 capture: CCI0A input, compare: Out0 (not available on devices
P2.6/TB1.0/UCA1RXD/
18
N/A
20
16
N/A
I/O
without TB1)
UCA1SOMI
Receive data – eUSCI_A1 UART mode, Slave out, master in – eUSCI_A1 SPI
mode (not available on devices without UCSI_A1)
Test mode pin – enable JTAG pins
TEST/SBWTCK (2) (3)
19
11
21
17
D5
I
Spy-Bi-Wire input clock
Reset input active low
RST/NMI/SBWTDIO (2) (3)
20
12
22
18
D4
I/O
Non-maskable interrupt input
Spy-Bi-Wire data input/output
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB2 CCR0 capture: CCI0A input, compare: Out0 (not available on devices
without TB2)
P2.0/TB2.0/UCA0TXD/
21
13
23
19
E5
I/O
Transmit data – eUSCI_A0 UART mode
UCA0SIMO/TB0CLK/ACLK (4)
Slave in, master out – eUSCI_A0 SPI mode
TB0 clock input
ACLK output
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB2 CCR1 capture: CCI1A input, compare: Out1 (not available on devices
without TB2)
P2.1/TB2.1/UCA0RXD/
22
14
24
20
D3
I/O
UCA0SOMI/TB0.0 (4)
Receive data – eUSCI_A0 UART mode
Slave out, master in – eUSCI_A0 SPI mode
TB0 CCR0 capture: CCI0A input, compare: Out0
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB2 CCR2 capture: CCI2A input, compare: Out2 (not available on devices
without TB2)
P2.2/TB2.2/UCB0CLK/ TB1.0
23
15
25
21
E4
I/O
Clock
signal
input
eUSCI_B0
SPI
slave
mode,
Clock signal output – eUSCI_B0 SPI master mode
TB1 CCR0 capture: CCI0A input, compare: Out0 (not available on devices
without TB1)
General-purpose digital I/O with port interrupt and wake up from LPMx.5 (not
available on package options PW, RGE)
TB1 CCR1 capture: CCI1B input, compare: Out1 (not available on devices
P3.4/TB1.1/TB2CLK/ SMCLK
24
N/A
26
N/A
N/A
I/O
without TB1)
TB2 clock input (not available on devices without TB2 or package options PW,
RGE)
SMCLK output (not available on package options PW, RGE)
(3)
See Section 6.6 and Section 6.7 for use with BSL and JTAG functions.
(4)
See Section 6.6 and Section 6.7 for use with BSL and JTAG functions.
Copyright © 2011–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback
Product Folder Links: MSP430FR5739 MSP430FR5738 MSP430FR5737 MSP430FR5736 MSP430FR5735
MSP430FR5734 MSP430FR5733 MSP430FR5732 MSP430FR5731 MSP430FR5730


Similar Part No. - MSP430FR5731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5731 TI1-MSP430FR5731 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FR5731 TI1-MSP430FR5731 Datasheet
1Mb / 115P
[Old version datasheet]   MSP430FR573x Mixed-Signal Microcontrollers
MSP430FR5731 TI1-MSP430FR5731 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5731IDA TI-MSP430FR5731IDA Datasheet
587Kb / 64P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5731IDA TI1-MSP430FR5731IDA Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FR5731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5739 TI1-MSP430FR5739_14 Datasheet
1Mb / 115P
[Old version datasheet]   MSP430FR573x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com