Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5728 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5728
Description  MSP430FR572x Mixed-Signal Microcontrollers
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5728 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430FR5728 Datasheet HTML 6Page - Texas Instruments MSP430FR5728 Datasheet HTML 7Page - Texas Instruments MSP430FR5728 Datasheet HTML 8Page - Texas Instruments MSP430FR5728 Datasheet HTML 9Page - Texas Instruments MSP430FR5728 Datasheet HTML 10Page - Texas Instruments MSP430FR5728 Datasheet HTML 11Page - Texas Instruments MSP430FR5728 Datasheet HTML 12Page - Texas Instruments MSP430FR5728 Datasheet HTML 13Page - Texas Instruments MSP430FR5728 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
MSP430FR5729, MSP430FR5728, MSP430FR5727, MSP430FR5726, MSP430FR5725
MSP430FR5724, MSP430FR5723, MSP430FR5722, MSP430FR5721, MSP430FR5720
SLASE35A – MAY 2014 – REVISED JUNE 2014
www.ti.com
Table 4-1. Signal Descriptions (continued)
TERMINAL
NO.
I/O (1)
DESCRIPTION
NAME
RHA
RGE
DA
PW
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TA1 CCR2 capture: CCI2A input, compare: Out2
P1.3/TA1.2/UCB0STE/ A3/CD3
8
4
12
8
I/O
Slave transmit enable – eUSCI_B0 SPI mode
Analog input A3 – ADC (not available on devices without ADC)
Comparator_D input CD3
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB0 CCR1 capture: CCI1A input, compare: Out1
P1.4/TB0.1/UCA0STE/ A4/CD4
9
5
13
9
I/O
Slave transmit enable – eUSCI_A0 SPI mode
Analog input A4 – ADC (not available on devices without ADC)
Comparator_D input CD4
General-purpose digital I/O with port interrupt and wake up from LPMx.5
TB0 CCR2 capture: CCI2A input, compare: Out2
Clock
signal
input
eUSCI_A0
SPI
slave
mode,
P1.5/TB0.2/UCA0CLK/ A5/CD5
10
6
14
10
I/O
Clock signal output – eUSCI_A0 SPI master mode
Analog input A5 – ADC (not available on devices without ADC)
Comparator_D input CD5
General-purpose digital I/O
Test data output port
PJ.0/TDO/TB0OUTH/
11
7
15
11
I/O
Switch all PWM outputs high impedance input – TB0
SMCLK/CD6 (2)
SMCLK output
Comparator_D input CD6
General-purpose digital I/O
Test data input or test clock input
PJ.1/TDI/TCLK/TB1OUTH/
Switch all PWM outputs high impedance input – TB1 (not available on devices
12
8
16
12
I/O
MCLK/CD7 (2)
without TB1)
MCLK output
Comparator_D input CD7
General-purpose digital I/O
Test mode select
PJ.2/TMS/TB2OUTH/
Switch all PWM outputs high impedance input – TB2 (not available on devices
13
9
17
13
I/O
ACLK/CD8 (2)
without TB2)
ACLK output
Comparator_D input CD8
General-purpose digital I/O
PJ.3/TCK/CD9 (2)
14
10
18
14
I/O
Test clock
Comparator_D input CD9
General-purpose digital I/O with port interrupt and wake up from LPMx.5 (not
available on package options PW, RGE)
P4.0/TB2.0
15
N/A
N/A
N/A
I/O
TB2 CCR0 capture: CCI0B input, compare: Out0 (not available on devices without
TB2 or package options DA, PW, RGE)
General-purpose digital I/O with port interrupt and wake up from LPMx.5 (not
P4.1
16
N/A
N/A
N/A
I/O
available on package options DA, PW, RGE)
(2)
See Section 6.7 for use with JTAG function.
10
Terminal Configuration and Functions
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR5729 MSP430FR5728 MSP430FR5727 MSP430FR5726 MSP430FR5725
MSP430FR5724 MSP430FR5723 MSP430FR5722 MSP430FR5721 MSP430FR5720


Similar Part No. - MSP430FR5728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5728 TI1-MSP430FR5728 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FR5728 TI1-MSP430FR5728 Datasheet
2Mb / 116P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5728IPW TI-MSP430FR5728IPW Datasheet
587Kb / 64P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5728IPW TI1-MSP430FR5728IPW Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5728IPW TI1-MSP430FR5728IPW Datasheet
2Mb / 116P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com