Electronic Components Datasheet Search |
|
MSP430G2X11 Datasheet(PDF) 10 Page - Texas Instruments |
|
MSP430G2X11 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 49 page MSP430G2x11 MSP430G2x01 SLAS695I – FEBRUARY 2010 – REVISED FEBRUARY 2013 www.ti.com Special Function Registers (SFRs) Most interrupt and module enable bits are collected into the lowest address space. Special function register bits not allocated to a functional purpose are not physically present in the device. Simple software access is provided with this arrangement. Legend rw: Bit can be read and written. rw-0,1: Bit can be read and written. It is reset or set by PUC. rw-(0,1): Bit can be read and written. It is reset or set by POR. SFR bit is not present in device. Table 6. Interrupt Enable Register 1 and 2 Address 7 6 5 4 3 2 1 0 00h ACCVIE NMIIE OFIE WDTIE rw-0 rw-0 rw-0 rw-0 WDTIE Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer is configured in interval timer mode. OFIE Oscillator fault interrupt enable NMIIE (Non)maskable interrupt enable ACCVIE Flash access violation interrupt enable Address 7 6 5 4 3 2 1 0 01h Table 7. Interrupt Flag Register 1 and 2 Address 7 6 5 4 3 2 1 0 02h NMIIFG RSTIFG PORIFG OFIFG WDTIFG rw-0 rw-(0) rw-(1) rw-1 rw-(0) WDTIFG Set on watchdog timer overflow (in watchdog mode) or security key violation. Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode. OFIFG Flag set on oscillator fault. PORIFG Power-on reset interrupt flag. Set on VCC power-up. RSTIFG External reset interrupt flag. Set on a reset condition at RST/NMI pin in reset mode. Reset on VCC power-up. NMIIFG Set via RST/NMI pin Address 7 6 5 4 3 2 1 0 03h 10 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated |
Similar Part No. - MSP430G2X11_14 |
|
Similar Description - MSP430G2X11_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |