Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2544IRHA40T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2544IRHA40T
Description  MSP430G2x44 Mixed Signal Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2544IRHA40T Datasheet(HTML) 2 Page - Texas Instruments

  MSP430G2544IRHA40T Datasheet HTML 1Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 2Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 3Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 4Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 5Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 6Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 7Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 8Page - Texas Instruments MSP430G2544IRHA40T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Basic Clock
System+
RAM
1kB
512B
512B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16−Bit
Timer_A3
3 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
32kB
16kB
8kB
ACLK
XIN
MDB
MAB
Spy−Bi Wire
Timer_B3
3 CC
Registers,
Shadow
Reg
USCI_A0:
UART/LIN,
IrDA, SPI
USCI_B0:
SPI, I2C
ADC10
10−Bit
12
Channels,
Autoscan,
DTC
Ports P1/P2
2x8 I/O
Interrupt
capability,
pull−up/down
resistors
Ports P3/P4
2x8 I/O
pull−up/down
resistors
P1.x/P2.x
2x8
P3.x/P4.x
2x8
MSP430G2744
MSP430G2544
MSP430G2444
SLAS892B – MARCH 2013 – REVISED OCTOBER 2013
www.ti.com
The MSP430G2x44 series is an ultra-low-power mixed signal microcontroller with two built-in 16-bit timers, a
universal serial communication interface (USCI), 10-bit analog-to-digital converter (ADC) with integrated
reference and data transfer controller (DTC), and 32 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand-alone radio-frequency (RF) sensor front
ends are another area of application.
Table 1. Available Options(1)(2)
Flash
RAM
ADC10
USCI_A0,
Package
Device
BSL
EEM
Timer_A
Timer_B
Clock
I/O
(KB)
(B)
Channel
USCI_B0
Type
MSP430G2744IRHA40
32
40-QFN
HF, LF,
MSP430G2744IDA38
1
1
32
1
TA3
TB3
12
1
DCO,
32
38-TSSOP
VLO
MSP430G2744IYFF
32
49-DSBGA
MSP430G2544IRHA40
32
40-QFN
HF, LF,
MSP430G2544IDA38
1
1
16
512
TA3
TB3
12
1
DCO,
32
38-TSSOP
VLO
MSP430G2544IYFF
32
49-DSBGA
MSP430G2444IRHA40
32
40-QFN
HF, LF,
MSP430G2444IDA38
1
1
8
512
TA3
TB3
12
1
DCO,
32
38-TSSOP
VLO
MSP430G2444IYFF
32
49-DSBGA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430G2744 MSP430G2544 MSP430G2444


Similar Part No. - MSP430G2544IRHA40T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2544IRHA40T TI1-MSP430G2544IRHA40T Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430G2544IRHA40T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com