Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6212621-01XE-T Datasheet(PDF) 9 Page - Texas Instruments

Part # V6212621-01XE-T
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V6212621-01XE-T Datasheet(HTML) 9 Page - Texas Instruments

Back Button V6212621-01XE-T Datasheet HTML 5Page - Texas Instruments V6212621-01XE-T Datasheet HTML 6Page - Texas Instruments V6212621-01XE-T Datasheet HTML 7Page - Texas Instruments V6212621-01XE-T Datasheet HTML 8Page - Texas Instruments V6212621-01XE-T Datasheet HTML 9Page - Texas Instruments V6212621-01XE-T Datasheet HTML 10Page - Texas Instruments V6212621-01XE-T Datasheet HTML 11Page - Texas Instruments V6212621-01XE-T Datasheet HTML 12Page - Texas Instruments V6212621-01XE-T Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MSP430G2231-EP
www.ti.com
SLAS862 – JUNE 2012
Memory Organization
Table 9. Memory Organization
MSP430G2231
Memory
Size
2kB
Main: interrupt vector
Flash
0xFFFF to 0xFFC0
Main: code memory
Flash
0xFFFF to 0xF800
Information memory
Size
256 Byte
Flash
010FFh to 01000h
RAM
Size
128B
027Fh to 0200h
Peripherals
16-bit
01FFh to 0100h
8-bit
0FFh to 010h
8-bit SFR
0Fh to 00h
Flash Memory
The flash memory can be programmed via the Spy-Bi-Wire/JTAG port or in-system by the CPU. The CPU can
perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments A to D can be erased individually or as a group with segments 0 to n. Segments A to D are also
called information memory.
Segment A contains calibration data. After reset segment A is protected against programming and erasing. It
can be unlocked but care should be taken not to erase this segment if the device-specific calibration data is
required.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - V6212621-01XE-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V6212620-01XE TI-V6212620-01XE Datasheet
378Kb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
V6212620-01XE-T TI-V6212620-01XE-T Datasheet
378Kb / 36P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - V6212621-01XE-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com