Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2544IDA38R Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2544IDA38R
Description  MSP430G2x44 Mixed Signal Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2544IDA38R Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430G2544IDA38R Datasheet HTML 4Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 5Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 6Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 7Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 8Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 9Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 10Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 11Page - Texas Instruments MSP430G2544IDA38R Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
MSP430G2744
MSP430G2544
MSP430G2444
SLAS892B – MARCH 2013 – REVISED OCTOBER 2013
www.ti.com
Development Tools Support
All MSP430™ microcontrollers are supported by a wide variety of software and hardware development tools.
Tools are available from TI and various third parties. See them all at www.ti.com/msp430tools.
Hardware Features
See the Code Composer Studio for MSP430 User's Guide (SLAU157) for details on the available features.
Break-
Range
LPMx.5
MSP430
4-Wire
2-Wire
Clock
State
Trace
points
Break-
Debugging
Architecture
JTAG
JTAG
Control
Sequencer
Buffer
(N)
points
Support
MSP430
Yes
Yes
2
No
Yes
No
No
No
Recommended Hardware Options
Target Socket Boards
The target socket boards allow easy programming and debugging of the device using JTAG. They also feature
header pin outs for prototyping. Target socket boards are orderable individually or as a kit with the JTAG
programmer and debugger included. The following table shows the compatible target boards and the supported
packages.
Package
Target Board and Programmer Bundle
Target Board Only
38-pin TSSOP (DA)
MSP-FET430U38
MSP-TS430DA38
Experimenter Boards
Experimenter Boards and Evaluation kits are available for some MSP430 devices. These kits feature additional
hardware components and connectivity for full system evaluation and prototyping. See www.ti.com/msp430tools
for details.
Debugging and Programming Tools
Hardware programming and debugging tools are available from TI and from its third party suppliers. See the full
list of available tools at www.ti.com/msp430tools.
Production Programmers
The production programmers expedite loading firmware to devices by programming several devices
simultaneously.
Part Number
PC Port
Features
Provider
MSP-GANG
Serial and USB
Program up to eight devices at a time. Works with PC or standalone.
Texas Instruments
Recommended Software Options
Integrated Development Environments
Software development tools are available from TI or from third parties. Open source solutions are also available.
This device is supported by Code Composer Studio™ IDE (CCS).
MSP430Ware
MSP430Ware is a collection of code examples, data sheets, and other design resources for all MSP430 devices
delivered in a convenient package. MSP430Ware is available as a component of CCS or as a standalone
package.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430G2744 MSP430G2544 MSP430G2444


Similar Part No. - MSP430G2544IDA38R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2544IDA38R TI1-MSP430G2544IDA38R Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430G2544IDA38R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com