Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90523PFF Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90523PFF
Description  16-bit Proprietary Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90523PFF Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90523PFF Datasheet HTML 5Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 6Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 7Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 8Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 9Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 10Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 11Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 12Page - Fujitsu Component Limited. MB90523PFF Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
MB90520 Series
9
Pin no.
Pin name
Circuit
type
Function
LQFP-120*1
QFP-120*2
117
P26
E
This is a general-purpose I/O port.
ZIN0
This port can be used as count clock Z input for 8/16-bit up/down
counter/timer 0.
INT7
This is a request input pin of the DTP/external interrupt circuit
ch.7.
118
P27
E
This is a general-purpose I/O port.
ADTG
This is an external trigger input pin of the 8/10-bit A/D converter.
Since this input is used as required for 8/10-bit A/D converter input
operation, output by other functions must be suspended except for
intentional operation.
120
P30
E
This is a general-purpose I/O port.
1
P31
E
This is a general-purpose I/O port.
CKOT
This is a clock monitor function output pin.
This function is valid when clock monitor output is enabled.
2
P32
E
This is a general-purpose I/O port.
This function becomes valid when waveform output from the
OUT0 is disabled.
OUT0
This is an event output pin for output compare 0 (OCU) ch.0.
This function is valid when output for each channel is enabled.
3
P33
E
This is a general-purpose I/O port.
This function becomes valid when waveform output from the
OUT1 is disabled.
OUT1
This is an event output pin for output compare 0 (OCU) ch.1.
This function is valid when output for each channel is enabled.
4
P34
E
This is a general-purpose I/O port.
This function becomes valid when waveform output from the
OUT2 is disabled.
OUT2
This is an event output pin for output compare 0 (OCU) ch.2.
This function is valid when output for each channel is enabled.
5
P35
E
This is a general-purpose I/O port.
This function becomes valid when waveform output from the
OUT3 is disabled.
OUT3
This is an event output pin for output compare 0 (OCU) ch.3.
This function is valid when output for each channel is enabled.
6
P36
E
This is a general-purpose I/O port.
This function becomes valid when waveform output from the PG00
is disabled.
PG00
This is an output pin of 8/16-bit PPG timer 0.
This function becomes valid when waveform output from PG00 is
enabled.
(Continued)
*1: FPT-120P-M05
*2: FPT-120P-M13


Similar Part No. - MB90523PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90523A FUJITSU-MB90523A Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90523A FUJITSU-MB90523A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90523APFF FUJITSU-MB90523APFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90523APFV FUJITSU-MB90523APFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90523B FUJITSU-MB90523B Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90523PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com