Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430TCH5ERHBT Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430TCH5ERHBT
Description  Haptics-Enabled Mixed-Signal Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430TCH5ERHBT Datasheet(HTML) 2 Page - Texas Instruments

  MSP430TCH5ERHBT Datasheet HTML 1Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 2Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 3Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 4Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 5Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 6Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 7Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 8Page - Texas Instruments MSP430TCH5ERHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Haptics and
Capacitive Touch
Controller
MSP430TCH5E
Capacitive Touch
Inputs
DRV2603
Driver
Actuators:
LRA and ERM
DRV Enable
PWM
OUT+
OUT-
Touch-sense
enabled GPIO
MSP430TCH5E
SLAS895 – DECEMBER 2013
www.ti.com
DESCRIPTION
The MSP430TCH5E device is a haptics-enabled MSP430™ microcontroller that features Immersion TouchSense
Technology. Haptics technology provides tactile feedback, using mechanical vibrations, dramatically reducing
user error in touch applications. Haptics can be used in a variety of end equipments, including handsets, tablets,
digital cameras touch screens, home appliances, computer accessories, automotive products, and more. Haptics
can also be implemented in portable media players to generate subwoofer-like effects using audio-to-haptics
technology. Haptics is inexpensive to implement and is also a great way to differentiate products. Immersion is
the premier haptics technology provider in the market, and MSP430TCH5E device provides a programmable use
of Immersion TouchSense Technology with no additional fees.
The
MSP430TCH5E
device
belongs
to
the
Texas
Instruments
MSP430
family
of
ultra-low-power
microcontrollers, which consists of several devices that feature different sets of peripherals targeted for various
applications. The architecture, combined with five low-power modes, is optimized to achieve extended battery life
in portable measurement applications. The device features a powerful 16-bit RISC CPU, 16-bit registers, and
constant generators that contribute to maximum code efficiency. The digitally controlled oscillator (DCO) allows
the device to wake up from low-power modes to active mode in less than 1 µs. Peripherals include 16-bit timers,
up to 24 Capacitive Touch I/O pins, a versatile analog comparator, a 10-bit analog-to-digital converter (ADC),
and built-in communication capability using the universal serial communication interface (USCI). For configuration
details, see Table 1.
Capacitive touch buttons are often paired with haptic feedback to improve user experience. The MSP430TCH5E
device can support capacitive button, slider, and wheel functionality in conjunction with Immersion TouchSense
Haptics Technology. Examples are remote controls, gaming accessories, PC accessories, and control panels on
TVs and home appliances.
Typical application configurations include:
Touch-enabled devices where the MSP430TCH5E device is used both as haptics and capacitive touch
controller. See Figure 1.
Host-controlled systems where an external host controls the MSP43TCH5E haptics controller device. See
Figure 2.
Application consoles where the MSP430TCH5E device is used as an Audio-to-Haptics controller that converts
the audio input to respective haptics effects. See Figure 3.
The MSP430TCH5E is not intended for use in Critical Applications. "Critical Application" means a device or
application where the failure, malfunction, or inaccuracy of the device or application may reasonably be expected
to cause death or severe bodily injury.
Figure 1. Stand-Alone Application With MSP430TCH5E Device as Haptics and Capacitive Touch
Controller
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430TCH5E


Similar Part No. - MSP430TCH5ERHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5ERHBT TI1-MSP430TCH5ERHBT Datasheet
854Kb / 67P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
More results

Similar Description - MSP430TCH5ERHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5E TI1-MSP430TCH5E Datasheet
854Kb / 67P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com