Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2955 Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP430G2955
Description  MIXED SIGNAL MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2955 Datasheet(HTML) 4 Page - Texas Instruments

  MSP430G2955_14 Datasheet HTML 1Page - Texas Instruments MSP430G2955_14 Datasheet HTML 2Page - Texas Instruments MSP430G2955_14 Datasheet HTML 3Page - Texas Instruments MSP430G2955_14 Datasheet HTML 4Page - Texas Instruments MSP430G2955_14 Datasheet HTML 5Page - Texas Instruments MSP430G2955_14 Datasheet HTML 6Page - Texas Instruments MSP430G2955_14 Datasheet HTML 7Page - Texas Instruments MSP430G2955_14 Datasheet HTML 8Page - Texas Instruments MSP430G2955_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MSP430G2955
MSP430G2855
MSP430G2755
SLAS800 – MARCH 2013
www.ti.com
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
DA
RHA
P1.0/
General-purpose digital I/O pin
TACLK/
31
29
I/O
Timer_A, clock signal TACLK input
ADC10CLK
ADC10, conversion clock
P1.1/
General-purpose digital I/O pin
32
30
I/O
TA0.0
Timer_A, capture: CCI0A input, compare: OUT0 output or BSL transmit
P1.2/
General-purpose digital I/O pin
33
31
I/O
TA0.1
Timer_A, capture: CCI1A input, compare: OUT1 output
P1.3/
General-purpose digital I/O pin
34
32
I/O
TA0.2
Timer_A, capture: CCI2A input, compare: OUT2 output
P1.4/
General-purpose digital I/O pin
SMCLK/
35
33
I/O
SMCLK signal output
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
36
34
I/O
Timer_A, compare: OUT0 output
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin /
TA0.1/
Timer_A, compare: OUT1 output
37
35
I/O
TDI/
JTAG test data input terminal during programming and test
TCLK
JTAG test clock input terminal during programming and test
P1.7/
General-purpose digital I/O pin
TA0.2/
Timer_A, compare: OUT2 output
38
36
I/O
TDO/
JTAG test data output terminal during programming and test
TDI(1)
JTAG test data input terminal during programming and test
P2.0/
General-purpose digital I/O pin
TA1CLK/
Timer1_A3.TACLK
8
6
I/O
ACLK/
ACLK output
A0
ADC10, analog input A0
P2.1/
General-purpose digital I/O pin
TAINCLK/
Timer_A, clock signal at INCLK
9
7
I/O
SMCLK/
SMCLK signal output
A1
ADC10, analog input A1
P2.2/
General-purpose digital I/O pin
TA0.0/
10
8
I/O
Timer_A, capture: CCI0B input or BSL receive, compare: OUT0 output
A2
ADC10, analog input A2
P2.3/
General-purpose digital I/O pin
TA0.1/
Timer_A, capture CCI1B input, compare: OUT1 output
A3/
29
27
I/O
ADC10, analog input A3
VREF-/
Negative reference voltage output
VEREF-
Negative reference voltage input
P2.4/
General-purpose digital I/O pin
TA0.2/
Timer_A, compare: OUT2 output
A4/
30
28
I/O
ADC10, analog input A4
VREF+/
Positive reference voltage output
VEREF+
Positive reference voltage input
(1)
TDO or TDI is selected via JTAG instruction.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430G2955 MSP430G2855 MSP430G2755


Similar Part No. - MSP430G2955_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2955 TI1-MSP430G2955_16 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2955_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com