Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR08060W Datasheet(PDF) 4 Page - Texas Instruments

Part # PTR08060W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTR08060W Datasheet(HTML) 4 Page - Texas Instruments

  PTR08060W_14 Datasheet HTML 1Page - Texas Instruments PTR08060W_14 Datasheet HTML 2Page - Texas Instruments PTR08060W_14 Datasheet HTML 3Page - Texas Instruments PTR08060W_14 Datasheet HTML 4Page - Texas Instruments PTR08060W_14 Datasheet HTML 5Page - Texas Instruments PTR08060W_14 Datasheet HTML 6Page - Texas Instruments PTR08060W_14 Datasheet HTML 7Page - Texas Instruments PTR08060W_14 Datasheet HTML 8Page - Texas Instruments PTR08060W_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1
2
3
4
5
PTR08060W
SLTS289G – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
PIN ASSIGNMENT
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
VI
2
The positive input voltage power node to the module, which is referenced to common GND.
This is the common ground connection for the VI and VO power connections. It is also the 0 VDC reference for
GND
3
the Inhibit and VO Adjust control inputs.
VO
4
The regulated positive power output with respect to the GND node.
A 1% resistor must be connected between this pin and GND (pin 3) to set the output voltage of the module
higher than 0.6 V. If left open-circuit, the output voltage defaults to this value. The temperature stability of the
resistor should be 100 ppm/°C (or better). The set-point range is from 0.6 V to 5.5 V. For information on output
VOAdjust
5
voltage adjustment see the related application section.
The VOAdjust pin must never be connected directly to GND . The minimum resistance between VOAdjust
and GND is limited to 240
Ω.
The Inhibit pin is an open-collector/drain-negative logic input that is referenced to GND. Applying a low-level
ground signal to this input disables the module's output. When the Inhibit control is active, the input current
Inhibit
1
drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the module will produce an
output voltage whenever a valid input source is applied.
TOP VIEW
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: PTR08060W


Similar Part No. - PTR08060W_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results

Similar Description - PTR08060W_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W Datasheet
348Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com