Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV910C-101-ES-SH Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89PV910C-101-ES-SH
Description  8-bit Proprietary Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV910C-101-ES-SH Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89PV910C-101-ES-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV910C-101-ES-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
MB89910 Series
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
In the case of the MB89PV910, the voltage varies with the ICE or the EPROM to be connected.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
*1: Under examination for development
*2: Available by conversion from MDIP-64 to SH-DIP-48
64SD-48SD-8L2: For conversion (MDP-64C-P02)
→ DIP-48P-M01
Inquiry: Sun Hayato Co., Ltd.: TEL: (81)-3-3986-0403
FAX: (81)-3-5396-9106
Note: For more information about each package, see section “s Package Dimensions.”
Partnumber
Parameter
MB89913
MB89P915
MB89PPV910
External interrupt
2 independent channels (edge selection, interrupt vector, factor flag)
Rising/ falling/both edges selectable
Built-in analog noise canceller
Used also for wake-up stop/sleep modes.
(Edge detection is also permitted in stop mode.)
Low-voltage detection
reset
Continuous operation
(detection power supply voltage of 4.0
±0.3 V, 3.6±0.3 V or
3.3
±0.3 V)
Intermittent operation
(Activated for each watch interrupt under the dual-clock sys-
tem)
Not available
Low-power consumption
(Standby mode)
Sleep mode, stop mode, and watch mode
Process
CMOS
Operating voltage*
3.8 V to 5.5 V
4.5 V to 5.5 V
EPROM for use
MBM27C256A-
20CZ
Package
MB89913
MB89915
MB89P915
MB89PV910
DIP-48P-M01
×
FPT-48P-M15
×
MDP-64C-P02
×
MB89915
*1
*2


Similar Part No. - MB89PV910C-101-ES-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV920 FUJITSU-MB89PV920 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89PV920 FUJITSU-MB89PV920 Datasheet
606Kb / 46P
   8-bit Proprietary Microcontroller
MB89PV920CF FUJITSU-MB89PV920CF Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89PV920CF FUJITSU-MB89PV920CF Datasheet
606Kb / 46P
   8-bit Proprietary Microcontroller
MB89PV930A FUJITSU-MB89PV930A Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV910C-101-ES-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com