Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8422 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8422
Description  50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8422 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8422 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Outline Drawing
50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts With 20 dB Isolation from Pasternack Enter-
prises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts With 20 dB
Isolation PE8422
URL: http://www.pasternack.com/50-ohm-sma-circulator-380-460-mhz-1000-watts-20-db-pe8422-p.aspx
PE8422
PE8422 REV 1.0
50 Ohm SMA Circulator Operating From 380 MHz to
460 MHz And 1000 Watts With 20 dB Isolation


Similar Part No. - PE8422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
   50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8423 PASTERNACK-PE8423 Datasheet
164Kb / 2P
   50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
logo
Peregrine Semiconductor...
PE84244 PEREGRINE-PE84244 Datasheet
218Kb / 6P
   SPDT MOSFET RF SWITCH
More results

Similar Description - PE8422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8423 PASTERNACK-PE8423 Datasheet
164Kb / 2P
   50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8425 PASTERNACK-PE8425 Datasheet
162Kb / 2P
   50 Ohm N Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8418 PASTERNACK-PE8418 Datasheet
162Kb / 2P
   50 Ohm SMA Circulator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8419 PASTERNACK-PE8419 Datasheet
163Kb / 2P
   50 Ohm N Circulator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8426 PASTERNACK-PE8426 Datasheet
318Kb / 2P
   50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8428 PASTERNACK-PE8428 Datasheet
317Kb / 2P
   50 Ohm SMA Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8430 PASTERNACK-PE8430 Datasheet
318Kb / 2P
   50 Ohm SMA Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
   50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com