Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90223 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90223
Description  16-bit Proprietary Microcontroller
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90223 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90223 Datasheet HTML 1Page - Fujitsu Component Limited. MB90223 Datasheet HTML 2Page - Fujitsu Component Limited. MB90223 Datasheet HTML 3Page - Fujitsu Component Limited. MB90223 Datasheet HTML 4Page - Fujitsu Component Limited. MB90223 Datasheet HTML 5Page - Fujitsu Component Limited. MB90223 Datasheet HTML 6Page - Fujitsu Component Limited. MB90223 Datasheet HTML 7Page - Fujitsu Component Limited. MB90223 Datasheet HTML 8Page - Fujitsu Component Limited. MB90223 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
3
MB90220 Series
Product description
• MB90223/224 are mask ROM product.
• MB90P224A/P224B are one-time PROM products.
• MB90W224A/W224B are EPROM products. ES only.
• Operating temperature of MB90P224A/W224A is –40
°C to +85°C.
(However, the AC characteristics is assured in –40
°C to +70°C)
• Operation clock cycle of MB90223 is 10 MHz to 12 MHz.
• MB90V220 is a evaluation device for the program development. ES only.
s PRODUCT LINEUP
(Continued)
MB90223
MB90224
MB90P224A
MB90P224B
MB90W224A
MB90W224B
MB90V220
Classification
Mask ROM
product
Mask ROM
product
One-time
PROM product
EPROM
product
Evaluation
device
ROM size
64 Kbytes
96 Kbytes
96 Kbytes
96 Kbytes
None
RAM size
3 Kbytes
4.5 Kbytes
4.5 Kbytes
4.5 Kbytes
5 Kbytes
CPU functions
The number of instructions:
412
Instruction bit length:
8 or 16 bits
Instruction length:
1 to 7 bytes
Data bit length:
1, 4, 8, 16, or 32 bits
Minimum execution time:
62.5 ns/16 MHz
Interrupt processing time:
1.0
µs/16 MHz (min.)
Ports
I/O ports (N-ch open-drain):
16
I/O ports (CMOS):
86
Total:
102
ICU
(Input Capture Unit)
Number of channels: 4
Rising edge/falling edge/both edges selectable
24-bit timer
counter
Number of channels: 1
Overflow interrupt, intermediate bit interrupt
OCU
(Output Compare Unit)
Number of channels: 8
Pin change source (match signal causes register value transfer/general-purpose port)
PWC timer
Number of channels: 4
16-bit reload timer operation (operation clock cycle: 0.25
µs to 1.31 ms)
16-bit pulse-width count operation (Allowing continuous/one-shot measurement, H/L width
measurement, inter-edge measurement, and divided-frequency measurement)
10-bit
A/D converter
Resolution: 10 bits
Number of inputs: 16
Single conversion mode (conversion of each channel)
Scan conversion mode (continuous conversion for up to 16 consecutive channels)
Continuous conversion mode (repeated conversion of specified channel)
Stop conversion mode (conversion every fixed cycle)
UART
Number of channels: 4 (1 channel with CTS function)
Clock-synchronous transfer mode
(full-duplex double buffering, 7 to 9-bit data length, 2400 to 62500 bps)
Asynchronous transfer mode
(full-duplex double buffering, 7 to 9-bit data length, 2400 to 62500 bps)
16-bit reload
timer
Number of channels: 6
16-bit reload timer operation (operation clock cycle: 0.25
µs to 1.05 s)
Part number
Item


Similar Part No. - MB90223

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90214 FUJITSU-MB90214 Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90214PF FUJITSU-MB90214PF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90233 FUJITSU-MB90233 Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
MB90233PFV FUJITSU-MB90233PFV Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
MB90234PFV FUJITSU-MB90234PFV Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90223

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com